Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/20 Datasheet(PDF) 430 Page - Renesas Technology Corp

Part # R8C/20
Description  MCU R8C FAMILY / R8C/2x SERIES
PDF  501 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/20 Datasheet(HTML) 430 Page - Renesas Technology Corp

Back Button R8C/20 Datasheet HTML 426Page - Renesas Technology Corp R8C/20 Datasheet HTML 427Page - Renesas Technology Corp R8C/20 Datasheet HTML 428Page - Renesas Technology Corp R8C/20 Datasheet HTML 429Page - Renesas Technology Corp R8C/20 Datasheet HTML 430Page - Renesas Technology Corp R8C/20 Datasheet HTML 431Page - Renesas Technology Corp R8C/20 Datasheet HTML 432Page - Renesas Technology Corp R8C/20 Datasheet HTML 433Page - Renesas Technology Corp R8C/20 Datasheet HTML 434Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 430 / 501 page
background image
R8C/20 Group, R8C/21 Group
20. Electrical Characteristics
Rev.2.00 Aug 27, 2008
Page 414 of 458
REJ09B0250-0200
NOTES:
1.
VCC = 2.7 V to 5.5 V, Topr = -40
°C to 85°C (J version) / -40°C to 125°C (K version), unless otherwise specified.
2.
The standard value shows when the reset is deasserted for the FRA1 register.
NOTE:
1.
VCC = 2.7 V to 5.5 V, Topr = -40
°C to 85°C (J version) / -40°C to 125°C (K version), unless otherwise specified.
NOTES:
1.
The measurement condition is VCC = 2.7 to 5.5 V and Topr = -40
°C to 85°C (J version) / -40°C to 125°C (K version), unless
otherwise specified.
2.
Waiting time until the internal power supply generation circuit stabilizes during power-on.
3.
Time until CPU clock supply starts since the interrupt is acknowledged to exit stop mode.
Table 20.9
High-Speed On-Chip Oscillator Circuit Electrical Characteristics
Symbol
Parameter
Condition
Standard
Unit
Min.
Typ.
Max.
fOCO40M
High-speed on-chip oscillator frequency temperature
• supply voltage dependence
VCC = 4.75 V to 5.25 V,
0
°C ≤ Topr ≤ 60°C(2)
39.2
40
40.8
MHz
VCC = 3.0 V to 5.25 V,
-20
°C ≤ Topr ≤ 85°C(2)
38.8
40
41.2
MHz
VCC = 3.0 V to 5.5 V,
-40
°C ≤ Topr ≤ 85°C(2)
38.4
40
41.6
MHz
VCC = 3.0 V to 5.5 V,
-40
°C ≤ Topr ≤ 125°C(2)
38.0
40
42.0
MHz
VCC = 2.7 V to 5.5 V,
-40
°C ≤ Topr ≤ 125°C(2)
37.6
40
42.4
MHz
−
The value of the FRA1 register when the reset is
deasserted
08h
40
F7h
−
−
High-speed on-chip oscillator adjustment range
Adjust the FRA1 register to
-1 bit (the value when the
reset is deasserted)
−
+ 0.3
−
MHz
−
Oscillation stability time
−
10
100
µs
−
Self power consumption when high-speed on-chip
oscillator oscillating
VCC = 5.0 V, Topr = 25
°C
−
600
−µA
Table 20.10
Low-Speed On-Chip Oscillator Circuit Electrical Characteristics
Symbol
Parameter
Condition
Standard
Unit
Min.
Typ.
Max.
fOCO-S
Low-speed on-chip oscillator frequency
40
125
250
kHz
−
Oscillation stability time
−
10
100
µs
−
Self power consumption when low-speed on-chip
oscillator oscillating
VCC = 5.0 V, Topr = 25
°C
−
15
−µA
Table 20.11
Power Supply Circuit Timing Characteristics
Symbol
Parameter
Condition
Standard
Unit
Min.
Typ.
Max.
td(P-R)
Time for internal power supply stabilization during
power-on(2)
1
−
2000
µs
td(R-S)
STOP exit time(3)
−−
150
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com