Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/20 Datasheet(PDF) 428 Page - Renesas Technology Corp

Part # R8C/20
Description  MCU R8C FAMILY / R8C/2x SERIES
PDF  501 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/20 Datasheet(HTML) 428 Page - Renesas Technology Corp

Back Button R8C/20 Datasheet HTML 424Page - Renesas Technology Corp R8C/20 Datasheet HTML 425Page - Renesas Technology Corp R8C/20 Datasheet HTML 426Page - Renesas Technology Corp R8C/20 Datasheet HTML 427Page - Renesas Technology Corp R8C/20 Datasheet HTML 428Page - Renesas Technology Corp R8C/20 Datasheet HTML 429Page - Renesas Technology Corp R8C/20 Datasheet HTML 430Page - Renesas Technology Corp R8C/20 Datasheet HTML 431Page - Renesas Technology Corp R8C/20 Datasheet HTML 432Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 428 / 501 page
background image
R8C/20 Group, R8C/21 Group
20. Electrical Characteristics
Rev.2.00 Aug 27, 2008
Page 412 of 458
REJ09B0250-0200
Figure 20.2
Time delay until Suspend
NOTES:
1.
The measurement condition is VCC = 2.7 V to 5.5 V and Topr = -40
°C to 85°C (J version) / -40°C to 125°C (K version).
2.
Necessary time until the voltage detection circuit operates when setting to 1 again after setting the VCA26 bit in the VCA2
register to 0.
3.
Hold Vdet2 > Vdet1.
4.
This parameter shows the voltage detection level when the power supply drops. The voltage detection level when the power
supply rises is higher than the voltage detection level when the power supply drops by approximately 0.1 V.
5.
Time until the voltage monitor 1 reset is generated after the voltage passes Vdet1 when VCC falls. When using the digital filter,
its sampling time is added to td(Vdet1-A). When using the voltage monitor 1 reset, maintain this time until VCC = 2.0 V after the
voltage passes Vdet1 when the power supply falls.
NOTES:
1.
The measurement condition is VCC = 2.7 V to 5.5 V and Topr = -40
°C to 85°C (J version) / -40°C to 125°C (K version).
2.
Time until the voltage monitor 2 reset/interrupt request is generated since the voltage passes Vdet2.
3.
Necessary time until the voltage detection circuit operates when setting to 1 again after setting the VCA27 bit in the VCA2
register to 0.
4.
Hold Vdet2 > Vdet1.
5.
When using the digital filter, its sampling time is added to td(Vdet2-A). When using the voltage monitor 2 reset, maintain this
time until VCC = 2.0 V after the voltage passes Vdet2 when the power supply falls.
Table 20.6
Voltage Detection 1 Circuit Electrical Characteristics
Symbol
Parameter
Condition
Standard
Unit
Min.
Typ.
Max.
Vdet1
Voltage detection level(3, 4)
2.70
2.85
3.00
V
td(Vdet1-A)
Voltage monitor 1 reset generation time(5)
−
40
200
µs
−
Voltage detection circuit self power consumption
VCA26 = 1, VCC = 5.0 V
−
0.6
−µA
td(E-A)
Waiting time until voltage detection circuit operation
starts(2)
−−
100
µs
Vccmin
MCU operating voltage minimum value
2.70
−−
V
Table 20.7
Voltage Detection 2 Circuit Electrical Characteristics
Symbol
Parameter
Condition
Standard
Unit
Min.
Typ.
Max.
Vdet2
Voltage detection level(4)
3.3
3.6
3.9
V
td(Vdet2-A)
Voltage monitor 2 reset/interrupt request generation
time(2, 5)
−
40
200
µs
−
Voltage detection circuit self power consumption
VCA27 = 1, VCC = 5.0V
−
0.6
−µA
td(E-A)
Waiting time until voltage detection circuit operation
starts(3)
−−
100
µs
FMR46
Suspend request
(Maskable interrupt request)
Fixed time
td(SR-SUS)
Clock-dependent time
Access restart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com