Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R8C/20 Datasheet(PDF) 346 Page - Renesas Technology Corp

Part # R8C/20
Description  MCU R8C FAMILY / R8C/2x SERIES
PDF  501 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/20 Datasheet(HTML) 346 Page - Renesas Technology Corp

Back Button R8C/20 Datasheet HTML 342Page - Renesas Technology Corp R8C/20 Datasheet HTML 343Page - Renesas Technology Corp R8C/20 Datasheet HTML 344Page - Renesas Technology Corp R8C/20 Datasheet HTML 345Page - Renesas Technology Corp R8C/20 Datasheet HTML 346Page - Renesas Technology Corp R8C/20 Datasheet HTML 347Page - Renesas Technology Corp R8C/20 Datasheet HTML 348Page - Renesas Technology Corp R8C/20 Datasheet HTML 349Page - Renesas Technology Corp R8C/20 Datasheet HTML 350Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 346 / 501 page
background image
R8C/20 Group, R8C/21 Group
16. Clock Synchronous Serial Interface
Rev.2.00 Aug 27, 2008
Page 330 of 458
REJ09B0250-0200
16.3.3.4
Slave Transmit Operation
In slave transmit mode, the slave device outputs the transmit data while the master device outputs the receive
clock and returns an acknowledge signal.
Figure 16.37 and Figure 16.38 show the Operation Timing in Slave Transmit Mode (I2C Bus Interface Mode).
The transmit procedure and operation in slave transmit mode are shown below.
(1) Set the ICE bit in the ICCR1 register to 1 (transfer operation enabled). Set the WAIT and MLS bits in
the ICMR register and CKS0 to CKS3 bits in the ICCR1 register (initial setting). Set the TRS and MST
bits in the ICCR1 register to 0 and wait until the slave address matches in slave receive mode.
(2) When the slave address matches at the 1st frame after detecting the start condition, the slave device
outputs the level set by the ACKBT bit in the ICIER register to the SDA pin at the rise of the 9th clock.
At this time, if the 8-bit data (R/W) is set to 1, the TRS and TDRE bit in the ICSR register are set to 1,
the mode is switched to slave transmit mode automatically. When writing transmit data to the ICDRT
register every time the TDRE bit is set to 1, the continuous transmit is enabled.
(3) When the TDRE bit in the ICDRT register is set to 1 after writing the last transmit data to the ICDRT
register, wait until the TEND bit in the ICSR register is set to 1 while the TDRE bit is set to 1. When the
TEND bit is set to 1, set the TEND bit to 0.
(4) The SCL signal is released by setting the TRS bit to 0 and performing the dummy-read of the ICDRR
register for the end process.
(5) Set the TDRE bit to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com