Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSPCOMMPARALLELE Datasheet(PDF) 12 Page - NXP Semiconductors

Part # DSPCOMMPARALLELE
Description  Command Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSPCOMMPARALLELE Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button DSPCOMMPARALLELE Datasheet HTML 8Page - NXP Semiconductors DSPCOMMPARALLELE Datasheet HTML 9Page - NXP Semiconductors DSPCOMMPARALLELE Datasheet HTML 10Page - NXP Semiconductors DSPCOMMPARALLELE Datasheet HTML 11Page - NXP Semiconductors DSPCOMMPARALLELE Datasheet HTML 12Page - NXP Semiconductors DSPCOMMPARALLELE Datasheet HTML 13Page - NXP Semiconductors DSPCOMMPARALLELE Datasheet HTML 14Page - NXP Semiconductors DSPCOMMPARALLELE Datasheet HTML 15Page - NXP Semiconductors DSPCOMMPARALLELE Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
2-2
Suite56™ Parallel Port Command Converter User’s Manual
Motorola
Command Converter Interface Connector
Note:
Figure 3-1 may not represent the exact JTAG/OnCE configuration needed for
every DSP due to possible differences in internal resistors on the pins. Please
see the Data Sheet for your DSP for information on internal resistors.
Since the target system will have a resident reset circuit, an AND gate-in-series is
recommended with the CC_RESET signal. This will allow the target DSP to be reset with
a valid VOL level from either the target-reset circuit or from the command converter. The
pull-down resistors are provided to prevent false signals from being propagated to the
JTAG/OnCE circuit when the test data input/debug serial input (TDI/DSI) and test data
clock/debug serial clock (TCK/DSCK) lines are active. The test data out/debug serial
output (TDO/DSO) pull-up is designed to deassert the Debug Acknowledge signal from
the OnCE circuit
Figure 2-2 is the connector coming from the Target Interface Module via a 14-pin ribbon
cable. When viewed with pin 8 (keyed) on the right side, this plug connector has all odd
numbers on the left side and all even numbers on the right side when viewed from the top.
Spacing between pins is one-tenth inch.
.
Figure 2-2. Target Interface Module’s 14-Pin JTAG/OnCE Connector
TDI/DSI
TDO/DSO
TCK/DSCK
No Connect
CC_RESET
KEY (No Connect)
GND
12
34
56
78
910
TOP VIEW
11
12
13
14
TARGET VDD
DEZ
TMS0 (For JTAG Devices)
TRST (For JTAG Devices)
(For JTAG/OnCE Devices)
AA2038
No Connect
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com