Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSPCOMMPARALLELE Datasheet(PDF) 11 Page - NXP Semiconductors

Part # DSPCOMMPARALLELE
Description  Command Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSPCOMMPARALLELE Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button DSPCOMMPARALLELE Datasheet HTML 7Page - NXP Semiconductors DSPCOMMPARALLELE Datasheet HTML 8Page - NXP Semiconductors DSPCOMMPARALLELE Datasheet HTML 9Page - NXP Semiconductors DSPCOMMPARALLELE Datasheet HTML 10Page - NXP Semiconductors DSPCOMMPARALLELE Datasheet HTML 11Page - NXP Semiconductors DSPCOMMPARALLELE Datasheet HTML 12Page - NXP Semiconductors DSPCOMMPARALLELE Datasheet HTML 13Page - NXP Semiconductors DSPCOMMPARALLELE Datasheet HTML 14Page - NXP Semiconductors DSPCOMMPARALLELE Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Motorola
Functional Description
2-1
Chapter 2
Functional Description
The Suite56 Parallel Port Command Converter interacts with the target DSP with the
assistance of the Suite56 Software Development Tools Debugger and the user's host
system. The host system interface consists of a program written in the C language that
sends commands via a parallel port to the Suite56 Parallel Port Command Converter.
Commands entered from the host system's keyboard are parsed, and a series of low-level
command packets are sent to the Suite56 Parallel Port Command Converter. The Suite56
Parallel Port Command Converter translates these low-level command packets into one or
more JTAG signals and OnCE commands that are transferred to the target DSP via its
JTAG port. The JTAG port provides the necessary control to the target so programs may
be loaded or saved, registers read or modified, and hardware breakpoints set or cleared.
2.1 Command Converter Interface Connector
The target application board must have a 14-pin connector to interface to the command
converter controller. This interface comprises eight signals and three ground connections
on a 7-row
× 2-column male pin header, which are spaced on one-tenth inch centers as
illustrated in Figure 2-1 on page 2-1.
Figure 2-1. Target VDD System JTAG/OnCE™ Interface Connector
TDI/DSI
TDO/DSO
TCK/DSCK
CC_RESET
KEY (No Connect)
GND
1
2
3
4
5
6
7
8
9
10
Vcc
DSP
RESET
PIN
TARGET
GND
VCC
GND
10K
10K
10K
10K
TOP VIEW
11
12
13
14
TARGET VDD
DEZ
VCC
10K
RESET
CIRCUIT
TMS0 (For JTAG Devices)
TRST (For JTAG Devices)
(For JTAG Devices)
DSP
TRST
PIN
Vcc
10K
AA2037
(No Connect)
(No Connect)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com