Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSPCOMMPARALLELE Datasheet(PDF) 9 Page - NXP Semiconductors

Part # DSPCOMMPARALLELE
Description  Command Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSPCOMMPARALLELE Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button DSPCOMMPARALLELE Datasheet HTML 5Page - NXP Semiconductors DSPCOMMPARALLELE Datasheet HTML 6Page - NXP Semiconductors DSPCOMMPARALLELE Datasheet HTML 7Page - NXP Semiconductors DSPCOMMPARALLELE Datasheet HTML 8Page - NXP Semiconductors DSPCOMMPARALLELE Datasheet HTML 9Page - NXP Semiconductors DSPCOMMPARALLELE Datasheet HTML 10Page - NXP Semiconductors DSPCOMMPARALLELE Datasheet HTML 11Page - NXP Semiconductors DSPCOMMPARALLELE Datasheet HTML 12Page - NXP Semiconductors DSPCOMMPARALLELE Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Motorola
Suite56™ Parallel Port Command Converter
1-1
Chapter 1
Suite56™ Parallel Port Command
Converter
The Motorola Suite56™ Parallel Port Command Converter is an interface device that,
with the assistance of the Motorola Suite56 DSP Software Development Tools Debugger,
allows you to send and receive information from your host system to your Motorola DSP
based system. The interface is from the parallel port on your host system, through the
Target Interface Module, to the DSP via a JTAG connection.
Note:
For more information on the Motorola DSP Suite56 Software Development
Tools Debugger, refer to the Suite56 Software Development Debugger User's
Manual from the Motorola Suite56 Software Development Tools CD or the
DSP Tools web site on the World Wide Web at the following web address:
http://www.motorola.com/SPS/DSP/tools/documentation
1.1 General Description
The Suite56 Parallel Port Command Converter is used for designing, debugging, and
evaluating DSP-based systems. Figure 1-1 shows how the Command Converter can be
connected in Target System configuration and used as a hardware evaluation tool or as a
host software accelerator.
Figure 1-1. Target System Configuration
User Application
Motorola DSP
Parallel
Host System
Command
Application Development
Port
Extender
14-Pin Ribbon
JTAG Cable
Converter
Circuits
Suite56
Parallel Port
AA2035
25-Pin
Module (ADM)
Cable
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com