| Electronic Components Datasheet Search |
|
DSPCOMMPARALLELE Datasheet(PDF) 13 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
DSPCOMMPARALLELE Datasheet(HTML) 13 Page - NXP Semiconductors |
|
13 / 18 page ![]() TCK Drive and Timing Considerations Motorola Functional Description 2-3 2.2 Multiple Target Connections Multiple target devices may be connected in series, allowing a single command converter, JTAG/OnCE connector to control multiple devices, as in Figure 2-3. Data flows from the JTAG host, into each JTAG implementation through TDI, out through TDO and into TDI in the next chip, eventually returning to the JTAG host. Figure 2-3. Multiple JTAG Target Connections (Serial Method) 2.3 TCK Drive and Timing Considerations The signals from the command converter are TDO, TCK and TMS, and TRST. The TCK signal requires fast rise and fall times dictated by the TCK pin timing specification, and consequently attention must be given to the drive capability of the circuits driving this signal. When driving the TCK and TMS circuits with a large number of target devices, the user must pay attention to the rise and fall times of TCK and TMS. Excessive capacitance may cause communication problems when driving a single circuit that connects multiple TCK or multiple TMS input pins. Excessive capacitance can also cause communication problems with a single circuit connecting multiple TMS input pins. Acceptable transition times may be achieved for TCK and TMS by driving no more than four JTAG inputs from each buffered output. This may be achieved with two configurations. Figure 2-3 shows one method. Here (in effect) one signal connects each of the TCK inputs, and one signal connects each of the TMS inputs. A buffer is placed in the circuit after each fourth input at most, to restore the signal quality for subsequent inputs. The propagation delay of the buffer is not significant. TDI TDO TCK TMS TDI TDO TCK TMS TDI TDO TCK TMS TDI TDO TCK TMS TDI TDO TCK TMS TDI TDO TCK TMS TCK TMS TDO TDI Maximum of 4 Loads on TCK Circuits Buffer—74HCT244 or Similar RESET TRST TRST RESET TRST RESET TRST RESET TRST RESET TRST RESET TRST RESET AA2039 Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |