Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSPCOMMPARALLELE Datasheet(PDF) 15 Page - NXP Semiconductors

Part # DSPCOMMPARALLELE
Description  Command Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSPCOMMPARALLELE Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button DSPCOMMPARALLELE Datasheet HTML 10Page - NXP Semiconductors DSPCOMMPARALLELE Datasheet HTML 11Page - NXP Semiconductors DSPCOMMPARALLELE Datasheet HTML 12Page - NXP Semiconductors DSPCOMMPARALLELE Datasheet HTML 13Page - NXP Semiconductors DSPCOMMPARALLELE Datasheet HTML 14Page - NXP Semiconductors DSPCOMMPARALLELE Datasheet HTML 15Page - NXP Semiconductors DSPCOMMPARALLELE Datasheet HTML 16Page - NXP Semiconductors DSPCOMMPARALLELE Datasheet HTML 17Page - NXP Semiconductors DSPCOMMPARALLELE Datasheet HTML 18Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
Resetting Target DSP Devices
Motorola
Functional Description
2-5
deassertion of TRST and before any instructions are executed. This sequence of events is
illustrated in Figure 2-5.
Figure 2-5. Reset JTAG Device with RESET Signal
The JTAG controller is still active after deassertion of TRST during reset and while
RESET is held low. The JTAG special instruction DEBUG_REQ is clocked in before
RESET is deasserted. When RESET is deasserted, the device is immediately in Debug
mode, and no instructions are executed in the DSP.
RESET
Instruction
Register
DEBUG_REQ
1
23
1
2
3
(1) Command Converter
Asserts RESET. All
Targets Enter Reset.
(3) JTAG Instruction
DEBUG_REQUEST is
Loaded.
(4) Command Converter
Releases RESET. Targets
Exit Reset in Debug Mode.
1
TRST
(2) Asserted TRST
AA2041
(2A) Deasserted TRST
(1)
(2)
(2A)
(3)
(4)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com