| Electronic Components Datasheet Search |
|
DSPCOMMPARALLELE Datasheet(PDF) 14 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
DSPCOMMPARALLELE Datasheet(HTML) 14 Page - NXP Semiconductors |
|
14 / 18 page ![]() 2-4 Suite56™ Parallel Port Command Converter User’s Manual Motorola Resetting Target DSP Devices Figure 2-4 shows two possible configurations of a second method that also enables signal quality to meet the requirements. In Configuration Number 1, the signal is split and buffered into a number of parallel TCKn signals. Each of these signals may drive up to four TCK inputs. Figure 2-4. Multiple JTAG Connectors (Parallel Method) In Configuration Number 2, the signal is split and buffered into a number of parallel TMSn signals. Each of these signals may drive up to four TMS inputs. Each method is equally valid. The choice of methods will depend on practical considerations related to each project. 2.4 Resetting Target DSP Devices The RESET signal and TRST signals from the command converter are typically connected to all target DSP devices on a JTAG chain. All DSP devices on a JTAG chain connected to a specific command converter device are reset when RESET and TRST are asserted by the debugger command FORCE R. Execution control is established immediately after TCK TCK TCK TCK TCK TCK TCK TCK TCK TCK TCK TCK TCK1 TCK2 TCKn AA2040 TMS TMS TMS TMS TMS TMS TMS TMS TMS TMS TMS TMS TMS1 TMS2 TMSn Configuration Number 1 —Fan Out of TCK at Source Configuration Number 2 —Fan Out of TMS at Source Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |