Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSPCOMMPARALLELE Datasheet(PDF) 10 Page - NXP Semiconductors

Part # DSPCOMMPARALLELE
Description  Command Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSPCOMMPARALLELE Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button DSPCOMMPARALLELE Datasheet HTML 6Page - NXP Semiconductors DSPCOMMPARALLELE Datasheet HTML 7Page - NXP Semiconductors DSPCOMMPARALLELE Datasheet HTML 8Page - NXP Semiconductors DSPCOMMPARALLELE Datasheet HTML 9Page - NXP Semiconductors DSPCOMMPARALLELE Datasheet HTML 10Page - NXP Semiconductors DSPCOMMPARALLELE Datasheet HTML 11Page - NXP Semiconductors DSPCOMMPARALLELE Datasheet HTML 12Page - NXP Semiconductors DSPCOMMPARALLELE Datasheet HTML 13Page - NXP Semiconductors DSPCOMMPARALLELE Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
1-2
Suite56TM Parallel Port Command Converter User’s Manual
Motorola
Operating Environment
Figure 1-2 illustrates how the Suite56 Parallel Port Command Converter can be used as a
connection to your target system in which the hardware or software needs debugging. The
target hardware must have an access point for the14-pin JTAG ribbon cable, that may be
as simple as a 2-row
× 7-set of test points.
Figure 1-2. Target Circuit Configuration
The Suite56 Parallel Port Command Converter provides a physical link between the host
system and the target via a parallel port connection on the host machine. This link
translates the high-level debugger commands into JTAG signals and OnCE commands
that enable the host system to reset, interrupt, and send commands to the target DSP.
1.2 Operating Environment
The Motorola DSP Suite56 Software Development Tools used for this Suite56 Parallel
Port Command Converter supports only the Windows PC.
1.2.1 Windows PC Requirements
The minimum hardware requirements for using the Motorola DSP Suite56 Software
Development Tools Debugger on a Windows PC include the following:
•
Windows PC (Pentium® class processor, or higher)
•
Windows® 95 operating system with 16 Mbytes of RAM, Windows® 98 or
Windows NT® 4.0 operating system with 32 Mbytes of RAM,
•
CD-ROM drive
•
Hard drive with 50 Mbytes of free space
•
Mouse and keyboard
•
Parallel port
Host System
Parallel Port
Extender
Command
14-Pin Ribbon
JTAG
Cable
Target
Converter
14-Pin
up to 24
Target
Devices
2
× 7
Connector
Suite56
Parallel Port
AA2036
25-Pin
A Chain of
Cable
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com