| Electronic Components Datasheet Search |
|
CC1000-RTR2 Datasheet(PDF) 19 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
CC1000-RTR2 Datasheet(HTML) 19 Page - Texas Instruments |
|
19 / 55 page ![]() CC1000 SWRS048A Page 19 of 55 12. Bit synchroniser and data decision Sampler Average filter Data filter Decimator Frequency detector Data slicer comparator Figure 11. Demodulator block diagram A block diagram of the digital demodulator is shown in Figure 11. The IF signal is sampled and its instantaneous frequency is detected. The result is decimated and filtered. In the data slicer the data filter output is compared to the average filter output to generate the data output. The averaging filter is used to find the average value of the incoming data. While the averaging filter is running and acquiring samples, it is important that the number of high and low bits received is equal (e.g. Manchester code or a balanced preamble). Therefore all modes, also synchronous NRZ mode, need a DC balanced preamble for the internal data slicer to acquire correct comparison level from the averaging filter. The suggested preamble is a ‘010101…’ bit pattern. The same bit pattern should also be used in Manchester mode, giving a ‘011001100110…chip pattern. This is necessary for the bit synchronizer to synchronize correctly. The averaging filter must be locked before any NRZ data can be received. If the averaging filter is locked (MODEM1.LOCK_AVG_MODE=’1’), the acquired value will be kept also after Power Down or Transmit mode. After a modem reset (MODEM1.MODEM_RESET_N), or a main reset (using any of the standard reset sources), the averaging filter is reset. In a polled receiver system the automatic locking can be used. This is illustrated in Figure 12. If the receiver is operated continuously and searching for a preamble, the averaging filter should be locked manually as soon as the preamble is detected. This is shown in Figure 13. If the data is Manchester coded there is no need to lock the averaging filter (MODEM1.LOCK_AVG_IN=’0’), as shown in Figure 14. The minimum length of the preamble depends on the acquisition mode selected and the settling time. Table 4 gives the minimum recommended number of chips for the preamble in NRZ and UART modes. In this context ‘chips’ refer to the data coding. Using Manchester coding every bit consists of two ‘chips’. For Manchester mode the minimum recommended number of chips is shown in Table 5. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |