| Electronic Components Datasheet Search |
|
CC1000-RTR2 Datasheet(PDF) 15 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
CC1000-RTR2 Datasheet(HTML) 15 Page - Texas Instruments |
|
15 / 55 page ![]() CC1000 SWRS048A Page 15 of 55 10. Microcontroller Interface Used in a typical system, CC1000 will interface to a microcontroller. This microcontroller must be able to: • Program CC1000 into different modes via the 3-wire serial configuration interface (PDATA, PCLK and PALE). • Interface to the bi-directional synchronous data signal interface (DIO and DCLK). • Optionally the microcontroller can do data encoding / decoding. • Optionally the microcontroller can monitor the frequency lock status from pin CHP_OUT (LOCK). • Optionally the microcontroller can monitor the RSSI output for signal strength acquisition. 10.1 Connecting the microcontroller The microcontroller uses 3 output pins for the configuration interface (PDATA, PCLK and PALE). PDATA should be a bi- directional pin for data read-back. A bi- directional pin is used for data (DIO) to be transmitted and data received. DCLK providing the data timing should be connected to a microcontroller input. Optionally another pin can be used to monitor the LOCK signal (available at the CHP_OUT pin). This signal is logic level high when the PLL is in lock. See Figure 6. Also the RSSI signal can be connected to the microcontroller if it has an analogue ADC input. The microcontroller pins connected to PDATA and PCLK can be used for other purposes when the configuration interface is not used. PDATA and PCLK are high impedance inputs as long as PALE is high. PALE has an internal pull-up resistor and should be left open (tri-stated by the microcontroller) or set to a high level during power down mode in order to prevent a trickle current flowing in the pull- up. The pin state in power down mode is summarized in Table 3. Pin Pin state Note PDATA Input Should be driven high or low PCLK Input Should be driven high or low PALE Input with internal pull- up resistor Should be driven high or high-impedance to minimize power consumption DIO Input Should be driven high or low DCLK High-impedance output Table 3. CC1000 pins in power-down mode CC1000 PDATA PCLK PALE DIO CHP_OUT (LOCK) Micro- controller DCLK (Optional) RSSI/IF (Optional) ADC Figure 6. Microcontroller interface |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |