Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF04M Datasheet(PDF) 5 Page - STMicroelectronics

Part # DF04M
Description  APPLICATION NOTE
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DF04M Datasheet(HTML) 5 Page - STMicroelectronics

  DF04M Datasheet HTML 1Page - STMicroelectronics DF04M Datasheet HTML 2Page - STMicroelectronics DF04M Datasheet HTML 3Page - STMicroelectronics DF04M Datasheet HTML 4Page - STMicroelectronics DF04M Datasheet HTML 5Page - STMicroelectronics DF04M Datasheet HTML 6Page - STMicroelectronics DF04M Datasheet HTML 7Page - STMicroelectronics DF04M Datasheet HTML 8Page - STMicroelectronics DF04M Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
5/42
AN1262 APPLICATION NOTE
experience in converters with opto-isolated feedback. This variation is a result of the poor magnetic cou-
pling with the secondary winding. It is then recommended to design the turns ratio of the self-supply
winding so as to get a voltage approximately in the middle of this range (e.g. 11-12 V). This will give
allowance for increasing at heavy load and dropping at zero load.
s
Secondary diode forward drop. The type of secondary diode will be selected basically depending on the
output voltage. In fact this determines the maximum reverse voltage applied to the diode while the MOS-
FET is switched on. For low output voltages
≤15 V) a Schottky diode can be used and a typical forward
drop of 0.5V can be considered; for higher output voltages an ultrafast PN diode will be used, with a
typical forward drop of 0.8 V.
s
Bridge Rectifier + EMI filter voltage drop. This drop is subtracted to the peak of the input AC voltage and
affects the peak voltage of the ripple superimposed on top of the DC voltage across the input bulk ca-
pacitor. A typical value can be 3 V.
4
PRELIMINARY CALCULATIONS (STEP 1)
There are a few quantities that need to be calculated before starting the individual design of each functional
block of the converter. They are summarized in table 3.
Table 3. Preliminary calculations (step 1).
5
BRIDGE RECTIFIER SELECTION
Due to the limited power range that the device is able to handle, no special considerations are needed to select the
diodes of the bridge rectifier. Any 1A rated standard diodes with 400/600 V reverse voltage are suitable. Some man-
ufacturers make integrated bridge rectifiers housed in small packages. See table 4 for some suggested parts.
Table 4. 1A standard silicon rectifier and bridge selection
Symbol
Parameter
Definition
Pin
Converter Input Power
Iout
DC Output Current
VPKmin
Minimum Peak Input Voltage
VPKmin = VACmin ·
VPKmax
Maximum Peak Input Voltage
Type
Part Number
Rated Voltage
Package
Manufacturer(s)
Diode
1N4004
400
DO41
GI, GS, FAGOR, HTA, ON, TSC
Diode
1N4005
600
DO41
GI, GS, FAGOR, HTA, ON, TSC
Bridge
DF04M
400
DIL4
GI,TSC
Bridge
DF06M
600
DIL4
GI,TSC
Bridge
KBP104G
400
SIL4
TSC
Bridge
KBP105G
600
SIL4
TSC
Bridge
DFS04M
400
DIL4 (SMD)
HTA
Bridge
DFS06M
600
DIL4 (SMD)
HTA
P
in
P
outm ax
η
---------------------
=
I
out
P
outm ax
V
ou t
---------------------
=
2V
BF
–
V
PKm ax
V
ACm a x
2
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com