Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF04M Datasheet(PDF) 39 Page - STMicroelectronics

Part # DF04M
Description  APPLICATION NOTE
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DF04M Datasheet(HTML) 39 Page - STMicroelectronics

Back Button DF04M Datasheet HTML 34Page - STMicroelectronics DF04M Datasheet HTML 35Page - STMicroelectronics DF04M Datasheet HTML 36Page - STMicroelectronics DF04M Datasheet HTML 37Page - STMicroelectronics DF04M Datasheet HTML 38Page - STMicroelectronics DF04M Datasheet HTML 39Page - STMicroelectronics DF04M Datasheet HTML 40Page - STMicroelectronics DF04M Datasheet HTML 41Page - STMicroelectronics DF04M Datasheet HTML 42Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 39 / 42 page
background image
39/42
AN1262 APPLICATION NOTE
Figure 23. Test board evaluation results
Symbol
Value
Notes
D2
STTA106
1A / 600V Turboswitch, ST
D3
1N4148
D4
1N5822
3A / 40V Schottky, ST
IC1
L6590
Monolithic HV Switcher, ST
OP1
PC817A
Optocoupler, Sharp
BD1
DF06M
GI, or equivalent 1A, 600 V
T1
---
Core E20/10/6, 3C85 ferrite, Philips or equivalent
≈ 0.6 mm air gap for a primary inductance of 1.4 mH (LLK <30 µH)
Pri: 64T+64T, series conneceted, AWG32 (
∅ 0.22 mm)
Sec: 6T, 4xAWG32 (
∅ 0.22 mm)
Aux: 14T, AWG32 (
∅ 0.22 mm)
F1
T2A250V
2A, 250V ELU
Test board Load & Line regulation
0.003
0.01
0.03
0.1
0.3
1
3
4.9
4.92
4.94
4.96
4.98
5
Load Current [A]
Output Voltage [V]
264 VAC
88 VAC
110 VAC
220 VAC
Test Board Efficiency
0.003
0.01
0.03
0.1
0.3
1
3
20
30
40
50
60
70
80
Load Current [A]
Efficiency [%]
88 VAC
264 VAC
220 VAC
110 VAC
Test Board Light-load Consumption
50
100
150
200
250
300
350
400
450
0
200
400
600
800
1,000
DC Input Voltage [V]
Input Power [mW]
Pout
0.5 W
0.25 W
0.1 W
0.05 W
0 W
Device Power Dissipation
Rthj-amb= 58 °C/W @ 1.5W
0.003
0.01
0.03
0.1
0.3
1
3
0.05
0.1
0.2
0.5
1
2
5
Load Current [A]
Device Dissipation [W]
88 VAC
110 VAC
264 VAC
220 VAC
Table 24. (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com