Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF04M Datasheet(PDF) 17 Page - STMicroelectronics

Part # DF04M
Description  APPLICATION NOTE
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DF04M Datasheet(HTML) 17 Page - STMicroelectronics

Back Button DF04M Datasheet HTML 13Page - STMicroelectronics DF04M Datasheet HTML 14Page - STMicroelectronics DF04M Datasheet HTML 15Page - STMicroelectronics DF04M Datasheet HTML 16Page - STMicroelectronics DF04M Datasheet HTML 17Page - STMicroelectronics DF04M Datasheet HTML 18Page - STMicroelectronics DF04M Datasheet HTML 19Page - STMicroelectronics DF04M Datasheet HTML 20Page - STMicroelectronics DF04M Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 42 page
background image
17/42
AN1262 APPLICATION NOTE
and its power rating has to be:
Usually the resistor value will be selected much higher than the minimum to reduce losses. The clamp capacitor
will then be quite larger than the minimum as well.
The blocking diode must be not only very fast-recovery but also very fast-turn-on type to avoid additional drain
overvoltage. A 1A rated diode with a breakdown voltage at least VPKmax + VR is needed. Table 12 shows the
suggested ST parts.
Table 12. Recommended ST parts for blocking diode.
Zener clamp. The Transil (or zener) clamp voltage should be equal to:
VCL = VR + Vspike
(16)
Usually Transils are rated by their stand-off Voltage VRM at 25°C temperature, which is defined at low current,
whereas the desired clamp voltage is to be considered at operating junction temperature and Ilim current.
To take this into consideration, as a rule of thumb the stand-off voltage can be selected as high as 70% of the
desired clamp level. Please refer to [2] and [3] to see how these problems are handled.
The Transil or zener must have an adequate power handling capability in steady state operation:
.
Table 13 lists some recommended devices available from ST.
The same recommendations as in the RCD clamp case apply to the blocking diode in series to the Transil. Only
the breakdown voltage could be derated to VPKmax.
Table 13. Recommended ST parts for clamping.
110 VAC
220 VAC or WRM
Diode
VRRM
Package
Diode
VRRM
Package
BYT01-400
400
F126
STTA106
600
F126
SMBYT01-400
400
SMB
STTA106U
600
SMB
VR
Pz
≤ 0.75 W
Pz = 1W
Pz = 1.5W
≤100 V
BZW04-154
BZW06-154
SMAJ154A-TR
BZW04-154
BZW06-154
SMBJ154A-TR
P6KE180A
1.5KE180A
SMCJ154A-TR
130 V
BZW04-188
BZW06-188
SMAJ188A-TR
BZW04-188
BZW06-188
SMBJ188A-TR
P6KE200A
1.5KE200A
SMCJ188A-TR
P
R
V
R
2
R
min
------------
1
2
--- L
LK
I
lim
2
f
sw
⋅⋅
⋅
+
=
P
Z
1
2
---
V
CL
V
CL
V
R
–
------------------------ L
LK
I
li m
2
f
sw
⋅⋅
⋅
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com