Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF04M Datasheet(PDF) 25 Page - STMicroelectronics

Part # DF04M
Description  APPLICATION NOTE
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DF04M Datasheet(HTML) 25 Page - STMicroelectronics

Back Button DF04M Datasheet HTML 21Page - STMicroelectronics DF04M Datasheet HTML 22Page - STMicroelectronics DF04M Datasheet HTML 23Page - STMicroelectronics DF04M Datasheet HTML 24Page - STMicroelectronics DF04M Datasheet HTML 25Page - STMicroelectronics DF04M Datasheet HTML 26Page - STMicroelectronics DF04M Datasheet HTML 27Page - STMicroelectronics DF04M Datasheet HTML 28Page - STMicroelectronics DF04M Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 42 page
background image
25/42
AN1262 APPLICATION NOTE
Figure 12. Secondary feedback: TL431 + optocoupler circuit (I)
Table 16. G1(j
ω) Implementation: secondary feedback (I)
This technique provides very good regulation of the output voltage and galvanic isolation from the primary side
at the same time.
In Table 16 it is possible to find the design relationships useful to derive the part values. Icmax is specified in
the Datasheet (2.5mA).
The following condition should be met:
,
(20)
otherwise t will not be possible to find a positive value for RF. If the condition (20) is not met, an optocoupler with
a narrower CTRmin - CTRmax spread should be selected. If that is not possible, either a higher fc or a lower Φm
should be selected and the calculations from step a) to step e) redone.
Symbol
Definition
RL
RL ≈ 0.27 to 2.7 [kΩ]
RH
RB
CF
RF
CCOMP
Vout
RB
RH
RL
TL431
CF
L6590
L6590D
L6590A
COMP
VK
IF
IC
CCOMP
IC
VCOMP
1.5
3.5
RCOMP =
∆VCOMP
∆IC
1 mA
VFB
Not needed
in the L6590A
RF
R
H
V
out
2.5
–
2.5
-------------------------
R
L
⋅
=
R
B
CTR
min
V
out
3.5
–
I
Cmax
-------------------------
⋅
<
C
F
CTR
max
R
COMP
⋅
R
B
R
H
G1
0
⋅⋅
-----------------------------------------------
=
R
F
1
2
π f
Z
C
F
⋅⋅
⋅
--------------------------------
R
H
–
=
C
CO M P
1
2
π f
P
R
COMP
⋅⋅
⋅
---------------------------------------------
=
CTR
max
CTR
min
-----------------------
G1
c
π
180
----------
Φ1
c
⋅


tan
R
CO MP
-------------------------------------------
V
out
3.5
–
I
Cmax
-------------------------
⋅⋅
≤



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com