Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF04M Datasheet(PDF) 38 Page - STMicroelectronics

Part # DF04M
Description  APPLICATION NOTE
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DF04M Datasheet(HTML) 38 Page - STMicroelectronics

Back Button DF04M Datasheet HTML 34Page - STMicroelectronics DF04M Datasheet HTML 35Page - STMicroelectronics DF04M Datasheet HTML 36Page - STMicroelectronics DF04M Datasheet HTML 37Page - STMicroelectronics DF04M Datasheet HTML 38Page - STMicroelectronics DF04M Datasheet HTML 39Page - STMicroelectronics DF04M Datasheet HTML 40Page - STMicroelectronics DF04M Datasheet HTML 41Page - STMicroelectronics DF04M Datasheet HTML 42Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 38 / 42 page
background image
AN1262 APPLICATION NOTE
38/42
Figure 22. Test board electrical schematic
Table 24. Test board Bill Of Material
Symbol
Value
Notes
R1
10
Ω
¼ W, 5%
R2
6.8k
Ω
¼ W, 1%
R3
560
Ω
¼ W, 1%
R4, R6
2.43k
Ω
¼ W, 1%
R5
2k
Ω
¼ W, 1%
C1
22 µF
400 V, electrolytic, ELNA RE3 or equivalent
C2
22 µF
25 V, electrolytic
C3
22 nF
plastic film
C4
2.2 nF
250V Y class
C5, C6, C7
470 µF
16 V, electrolytic, RUBYCON ZL or equivalent
C8
220 µF
10 V, electrolytic, RUBYCON ZL or equivalent
C9
100 nF
10V electrolytic
L1
4.7 µH
UK ltd., ELC8D4R7E
D1
BZW06-154
154V / 600W peak Transil, ST
3
1
5
4
6, 7, 8
5 Vdc / 2 A
C2
C4
C8
R3
R4
D1
D3
D4
OP1
L6590
IC1
4
3
1
2
3
C5
R1
C3
R6
L1
T1
D2
C6
BDG
Vinac
88 to 264 V
C9
2
1
IC2
C7
R5
R2
C1
F1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com