Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF04M Datasheet(PDF) 4 Page - STMicroelectronics

Part # DF04M
Description  APPLICATION NOTE
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DF04M Datasheet(HTML) 4 Page - STMicroelectronics

  DF04M Datasheet HTML 1Page - STMicroelectronics DF04M Datasheet HTML 2Page - STMicroelectronics DF04M Datasheet HTML 3Page - STMicroelectronics DF04M Datasheet HTML 4Page - STMicroelectronics DF04M Datasheet HTML 5Page - STMicroelectronics DF04M Datasheet HTML 6Page - STMicroelectronics DF04M Datasheet HTML 7Page - STMicroelectronics DF04M Datasheet HTML 8Page - STMicroelectronics DF04M Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
AN1262 APPLICATION NOTE
4/42
and maximum output power) does not exceed 62-64%. The other limitation is that the sum of the max-
imum input voltage, reflected voltage and overvoltage spike - due to the leakage inductance - must be
below the breakdown of the internal MOSFET (700 V min.). Some margin needs also to be considered:
at least 50V is recommended to take the forward recovery of the diode of the clamp circuit and param-
eter spread into account. Figure 2 illustrates schematically how the drain voltage is apportioned. The
suggested value of VR is 130 V: it leads to a maximum drain voltage slightly exceeding 500 V in 220VAC
or WRM applications, and about 320 V in 110 VAC application, thus leaving enough room for an efficient
leakage inductance demagnetization (see below). The maximum duty cycle will be about 60% in
110VAC and WRM applications, and close to 36% in 220 VAC applications.
Figure 2. Drain voltage composition.
s
Leakage inductance overvoltage. The energy stored in the mutual inductance of the transformer at the
primary side is not completely transferred to the secondary, after MOSFET turn-off, until the leakage
inductance is demagnetized. This delays and makes inefficient the energy transfer from primary to sec-
ondary. To minimize this noxious effect the voltage across the leakage inductance (the leakage induct-
ance spike) that resets the inductance itself should be as high as possible. Obviously, this is limited by
the maximum allowable drain voltage. With the reflected voltage selected as previously discussed, it is
possible to allow about 140 V extra voltage in 220 VAC or WRM applications and much more in 110 VAC
applications (see fig. 2). This will affect the design of the clamp circuit.
s
Transformer efficiency. By definition, it is the ratio of the power delivered by the secondary winding to
the power entering the primary. The secondary power includes the converter output power and the one
dissipated in the secondary rectifier. Besides the secondary one, the primary power includes the one
dissipated inside the transformer and that not transferred to the secondary side and dissipated on the
leakage inductance. For typical transformers used in converters based on the L6590 family IC's, typical
values of efficiency ranges between 88% and 95%, depending on the power level and on the construc-
tion technique. Efficiency increases with the power level and by using winding interleaving construction
technique. For consistency, check that the input power of the transformer be less than the converter
input power.
s
Device supply voltage. The supply voltage range of the IC spans from 7 to 16.5 V. Such a wide range
is envisaged to accommodate the variation that the voltage generated by the self-supply winding may
Vin
VR
Vspike
Clamp Diode
forward recovery
700 V
374 V
187 V
504 V
317 V
≤ 650 V
margin
ON
OFF
Leak. Inductance
demagnetization
Current flows at the
secondary side
Prim. Inductance resonates
with drain capacitance
Leak. Inductance resonates
with drain capacitance
Transformer
demagnetised



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List