Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF04M Datasheet(PDF) 7 Page - STMicroelectronics

Part # DF04M
Description  APPLICATION NOTE
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DF04M Datasheet(HTML) 7 Page - STMicroelectronics

Back Button DF04M Datasheet HTML 3Page - STMicroelectronics DF04M Datasheet HTML 4Page - STMicroelectronics DF04M Datasheet HTML 5Page - STMicroelectronics DF04M Datasheet HTML 6Page - STMicroelectronics DF04M Datasheet HTML 7Page - STMicroelectronics DF04M Datasheet HTML 8Page - STMicroelectronics DF04M Datasheet HTML 9Page - STMicroelectronics DF04M Datasheet HTML 10Page - STMicroelectronics DF04M Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
7/42
AN1262 APPLICATION NOTE
Table 5. Cin values for 1W input power
The actual values of Vinmin and VDCmin need to be recalculated with the actual capacitance value. Since the evaluation
of Vinmin involves an equation having no closed form solution, an iterative cycle needs to be established:
;
(1)
where TC is the recharging time of Cin, that is the time while the bridge diodes are conducting, which can be
initially assumed equal to zero. After few iterations both Vinmin and TC will converge to their respective values.
In case of holdup requirement the cycle should be executed twice. The first time with NH = 1 to find Vinmin after
one mains cycle missing (which will be used to check for maximum duty cycle and maximum peak current) the
second one with NH = 0 to find Vinmin in normal operation (to be used for steady state and thermal calculations).
VDCmin will be simply the average of Vinmin (calculated with NH = 0 anyway) and VPKmin:
(2)
The voltage rating of Cin is selected depending on VPKmax: it is usually 200 V for 110 VAC applications and 400V
for 220 VAC or WRM applications.
7
PRELIMINARY CALCULATIONS (STEP 2)
The next step is to check for not exceeding the limits imposed by the IC. Prior to this, the power processed by
the transformer (PinT) and the average voltage drop across the ON-resistance of the internal MOSFET
(VDS(on)x) will be evaluated. VDS(on)x is subtracted to Vinmin and the resulting value is the voltage actually applied
to the primary winding of the transformer. The RDS(on) used must take temperature into account. Use the max-
imum value defined at 125°C.
The first limit to be checked is the maximum duty cycle DX. If it exceeds 62-64%, either the reflected voltage VR
should be lowered or the minimum input DC voltage Vinmin should be increased by selecting a larger input ca-
pacitance.
The second limit to be checked is the maximum drain voltage during the OFF-state of the MOSFET. At least
50V margin should be ensured. The overvoltage spike can be reduced to allow more reflected voltage if neces-
sary, keeping in mind that it cannot be much lower than VR not to hurt the primary-to-secondary energy transfer.
The last check concerns the peak primary current that must not exceed the minimum guaranteed OCP threshold
(0.55A). If this is exceeded, a higher maximum duty cycle DX should be used, if possible. Also a higher Vinmin
is beneficial. Some iterations, involving a recheck of the first two points, may be necessary to find the optimum
compromise. If no solution can be found, either CCM operation should be considered or the power handled by
the converter should be derated.
110 VAC or WRM
220 VAC
NH=0
2.0 µF/W
3.0 µF/W
0.55 µF/W
0.8 µF/W
Vinmin = 90V
VDCmin = 105V
Vinmin = 100V
VDCmin = 110V
Vinmin = 180V
VDCmin = 210V
Vinmin = 200V
VDCmin =220V
NH=1
7.2 µF/W
10.4 µF/W
1.8 µF/W
2.8 µF/W
Vinmin = 90V
VDCmin = 116V
Vinmin = 100V
VDCmin = 117V
Vinmin = 180V
VDCmin = 236V
Vinmin = 200V
VDCmin =239V
V
inm i n
V
PKm i n
2
P
in
C
in
--------
–
12 N
H
⋅
+
f
L
-------------------------
2
–
T
c
⋅


⋅
=
T
c
arccos
V
inmin
V
PKm i n
-------------------


2
π f
L
⋅⋅
---------------------------------------------
=
V
DC m i n
1
2
---
V
PK m in
V
inm i n
+
()
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List