Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0DZGS00108A Datasheet(PDF) 24 Page - Toshiba Semiconductor

Part # 0DZGS00108A
Description  PROJECTION TV
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

0DZGS00108A Datasheet(HTML) 24 Page - Toshiba Semiconductor

Back Button 0DZGS00108A Datasheet HTML 18Page - Toshiba Semiconductor 0DZGS00108A Datasheet HTML 19Page - Toshiba Semiconductor 0DZGS00108A Datasheet HTML 20Page - Toshiba Semiconductor 0DZGS00108A Datasheet HTML 21Page - Toshiba Semiconductor 0DZGS00108A Datasheet HTML 22Page - Toshiba Semiconductor 0DZGS00108A Datasheet HTML 23Page - Toshiba Semiconductor 0DZGS00108A Datasheet HTML 24Page - Toshiba Semiconductor 0DZGS00108A Datasheet HTML 25Page - Toshiba Semiconductor 0DZGS00108A Datasheet HTML 26Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 24 / 26 page
background image
- 55 -
LOCA. NO. PART NO.
DESCRIPTION
REFERENCE NO.
R817
AZ280015
510K OHM 1/4 W 1%
0RN5103G409
R818
AZ280016
22K OHM 1/6 W 5%
0RD2202F609
R819
AZ280017
56K OHM 1/6 W 5%
0RD5602F609
R820
AZ280018
10 OHM 1/6 W 5%
0RD0102F609
R821
AZ280019
100K OHM 1/6 W 5%
0RD1003F609
R823
AZ280020
0.13 OHM 2 W 5% RWR
180-A01P
R824
AZ280016
22K OHM 1/6 W 5%
0RD2202F609
R831
AZ280021
27 OHM 1/2 W(7.0) 5.00%
0RD0272A609
R832
AZ280022
68K OHM 1/6 W 5.00%
0RD6802F609
R833
AZ280023
6.8K OHM 1/6 W 5.00%
0RD6801F609
R834
AZ280024
100 OHM 1/6 W 5%
0RD1000F609
R835
AZ280025
15 OHM 1/6 W 5.00%
0RD0152F609
R836
AZ280026
1K OHM 1/6 W 5%
0RD1001F609
R837
AZ280027
2 W RW ROUND G 0.27 J TA31(63)
180-A01H
R838
AZ280028
430 OHM 1/6 W 5.00%
0RD4300F609
R839
AZ280029
3K OHM 1/6 W 5.00%
0RD3001F609
R840
AZ280024
100 OHM 1/6 W 5%
0RD1000F609
R841
AZ280030
100K OHM 2 W 5.00%
0RS1003K607
R842
AZ280031
470 OHM 1/2 W 5.00%
0RD4700H609
R843
AZ280031
470 OHM 1/2 W 5.00%
0RD4700H609
R844
AZ280032
47K OHM 1/6 W 5%
0RD4702F609
R845
AZ280033
30 OHM 1/6 W 5.00%
0RD0302F609
R850
AZ280034
330K OHM 1/4 W 1.00%
0RN3303G409
R851
AZ280035
2K OHM 1/6 W 5%
0RD2001F609
R852
AZ280036
18K OHM 1/6 W 1.00%
0RN1802F409
R854
AZ280037
4.7K OHM 1/6 W 1.00%
0RN4701F409
R855
AZ280038
1.5K OHM 1/6 W 5%
0RD1501F609
R856
AZ280039
510 OHM 1/6 W 5.00%
0RD5100F609
R857
AZ280039
510 OHM 1/6 W 5.00%
0RD5100F609
R865
AZ280040
3.6K OHM 1/6 W 5.00%
0RD3601F609
R866
AZ280041
3.9K OHM 1/6 W 5%
0RD3901F609
R867
AZ280039
510 OHM 1/6 W 5.00%
0RD5100F609
R868
AZ280042
1.2K OHM 1/6 W 1.00%
0RN1201F409
R872
AZ280034
330K OHM 1/4 W 1.00%
0RN3303G409
R873
AZ280043
270K OHM 1/4 W 5.00%
0RD2703G609
R874
AZ280044
5.1K OHM 1/6 W 5.00%
0RN5101F609
R875
AZ280045
10K OHM 1/6 W 5%
0RD1002F609
R876
AZ280026
1K OHM 1/6 W 5%
0RD1001F609
R877
AZ280046
3.9 OHM 1/6 W 5.00%
0RD0391F609
R891
AZ280047
10K OHM 1/2 W 5.00%
0RD1002H609
R892
AZ280048
470 OHM 2 W 5.00%
0RS4700K607
R893
AZ280048
470 OHM 2 W 5.00%
0RS4700K607
R894
AZ280026
1K OHM 1/6 W 5%
0RD1001F609
R895
AZ280049
8.2K OHM 1/6 W 1.00%
0RN8201F409
R896
AZ280050
2.2K OHM 1/6 W 1.00%
0RN2201F409
R897
AZ280026
1K OHM 1/6 W 5%
0RD1001F609
R898
AZ280010
4.7M OHM 1/2 W 5%
0RKZVTA001B
SWITCH
SW01
AZ682001
SWITCH, PUSH SPBS222EP011
140-275E
SW1
AZ682002
SWITCH, TACT 2LEAD 160G(TA)
140-313B
SW2
AZ682002
SWITCH, TACT 2LEAD 160G(TA)
140-313B
SW3
AZ682002
SWITCH, TACT 2LEAD 160G(TA)
140-313B
SW4
AZ682002
SWITCH, TACT 2LEAD 160G(TA)
140-313B
SW5
AZ682002
SWITCH, TACT 2LEAD 160G(TA)
140-313B
SW6
AZ682002
SWITCH, TACT 2LEAD 160G(TA)
140-313B
SW7
AZ682002
SWITCH, TACT 2LEAD 160G(TA)
140-313B
SW701
AZ682003
SWITCH, DIP 1-1437590-3 50VDC
6600DU2093V
LOCA. NO. PART NO.
DESCRIPTION
REFERENCE NO.
FILTER & CRYSTAL
FB851
AZ380001
FILTER, EMC BFD3565R2F
125-123A
FB861
AZ380001
FILTER, EMC BFD3565R2F
125-123A
FB871
AZ380001
FILTER, EMC BFD3565R2F
125-123A
FB882
AZ380001
FILTER, EMC BFD3565R2F
125-123A
FB891
AZ380001
FILTER, EMC BFD3565R2F
125-123A
FL100
AZ380002
FILTER, EMC NFL21SP207X1C3
6200J000012
FL101
AZ380002
FILTER, EMC NFL21SP207X1C3
6200J000012
FL104
AZ380002
FILTER, EMC NFL21SP207X1C3
6200J000012
FL106
AZ380002
FILTER, EMC NFL21SP207X1C3
6200J000012
FL107
AZ380002
FILTER, EMC NFL21SP207X1C3
6200J000012
FL108
AZ380002
FILTER, EMC NFL21SP207X1C3
6200J000012
FL109
AZ380002
FILTER, EMC NFL21SP207X1C3
6200J000012
FL112
AZ380002
FILTER, EMC NFL21SP207X1C3
6200J000012
FL113
AZ380002
FILTER, EMC NFL21SP207X1C3
6200J000012
FL117
AZ380002
FILTER, EMC NFL21SP207X1C3
6200J000012
FL123
AZ380003
FILTER, EMC STC222D 50VOLT 4A
6200VJT006A
2200PF
FL124
AZ380003
FILTER, EMC STC222D 50VOLT 4A
6200VJT006A
2200PF
FL125
AZ380003
FILTER, EMC STC222D 50VOLT 4A
6200VJT006A
2200PF
FL127
AZ380003
FILTER, EMC STC222D 50VOLT 4A
6200VJT006A
2200PF
FL134
AZ380002
FILTER, EMC NFL21SP207X1C3
6200J000012
FL139
AZ380002
FILTER, EMC NFL21SP207X1C3
6200J000012
FL300
AZ380004
FILTER, B.P. H354LAI-K5202
6200C000010
FL301
AZ380004
FILTER, B.P. H354LAI-K5202
6200C000010
FL303
AZ380004
FILTER, B.P. H354LAI-K5202
6200C000010
FL304
AZ380004
FILTER, B.P. H354LAI-K5202
6200C000010
L515
AZ380005
FILTER, EMC MLB-201209-0120P-N2
0LCML00003B
5A
L601
AZ380006
FILTER, EMC MLB-321611-0050P-N1
0LCML00002B
6A
L700
AZ380007
FILTER, EMC MLB-160808-0068P-N2
0LCML00004A
1A
L702
AZ380007
FILTER, EMC MLB-160808-0068P-N2
0LCML00004A
1A
L704
AZ380006
FILTER, EMC MLB-321611-0050P-N1
0LCML00002B
6A
L705
AZ380005
FILTER, EMC MLB-201209-0120P-N2
0LCML00003B
5A
L800
AZ380007
FILTER, EMC MLB-160808-0068P-N2
0LCML00004A
1A
L801
AZ380008
FILTER, EMC SQE2828 17.2MH
6200JBB8012T
60TURNS
L802
AZ380008
FILTER, EMC SQE2828 17.2MH
6200JBB8012T
60TURNS
L803
AZ380009
FILTER, EMC SQE3535 27.5MH
150-F06U
0.6PHY
L901
AZ380005
FILTER, EMC MLB-201209-0120P-N2
0LCML00003B
5A
L902
AZ380007
FILTER, EMC MLB-160808-0068P-N2
0LCML00004A
1A
L906
AZ380005
FILTER, EMC MLB-201209-0120P-N2
0LCML00003B
5A
L907
AZ380010
FILTER, EMC MLB-201209-0600L-N2
0LCML00003A
0.5A
L908
AZ380005
FILTER, EMC MLB-201209-0120P-N2
0LCML00003B
5A
L909
AZ380005
FILTER, EMC MLB-201209-0120P-N2
0LCML00003B
5A
ELECTRICAL REPLACEMENT PARTS LIST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com