Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0DZGS00108A Datasheet(PDF) 18 Page - Toshiba Semiconductor

Part # 0DZGS00108A
Description  PROJECTION TV
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

0DZGS00108A Datasheet(HTML) 18 Page - Toshiba Semiconductor

Back Button 0DZGS00108A Datasheet HTML 14Page - Toshiba Semiconductor 0DZGS00108A Datasheet HTML 15Page - Toshiba Semiconductor 0DZGS00108A Datasheet HTML 16Page - Toshiba Semiconductor 0DZGS00108A Datasheet HTML 17Page - Toshiba Semiconductor 0DZGS00108A Datasheet HTML 18Page - Toshiba Semiconductor 0DZGS00108A Datasheet HTML 19Page - Toshiba Semiconductor 0DZGS00108A Datasheet HTML 20Page - Toshiba Semiconductor 0DZGS00108A Datasheet HTML 21Page - Toshiba Semiconductor 0DZGS00108A Datasheet HTML 22Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
- 49 -
LOCA. NO. PART NO.
DESCRIPTION
REFERENCE NO.
IC808
AZ681050
74LX1G14CTR 5P SOT323-5L
0IMCRSG008A
IC809
AZ681052
LD1086DT15TR 2P
0IPMGSG018C
IC810
AZ681053
SC15651ST-1.8 3P SOT223
0IMCRSJ001A
IC810
AZ681054
SMA-E1017 3P
0IMCRSK004A
IC830
AZ681055
PC817XF3 4D PHOTO COUPLER
0ISH817300B
IC850
AZ681056
PQ30RV21 TO-220
0ISH302122A
IC851
AZ681057
KA431Z FAIRCHILD 3DIP
0IMCRFA007A
IC870
AZ681057
KA431Z FAIRCHILD 3DIP
0IMCRFA007A
IC900
AZ681058
LGDP4410 LG IC 176P
0ICTMLG018A
IC900
AZ681059
2503253-0003(DAD1000-3) 80P
0IMCRTI012B
IC901
AZ681060
SNSH6742CFA(P32J6742PAG) 64P
0IMCRTI013A
IC906
AZ681049
74VIT125CTR 5P S0T323-5L
0IMCRSG007A
IC907
AZ681050
74LX1G14CTR 5P SOT323-5L
0IMCRSG008A
IC908
AZ681050
74LX1G14CTR 5P SOT323-5L
0IMCRSG008A
IC909
AZ681061
74LX1G07CTR 5P SOT323-5L
0IMCRSG008B
IC910
AZ681049
74VIT125CTR 5P S0T323-5L
0IMCRSG007A
TRANSISTOR
IC903
AZ580001
FDS6930A 8P SO-8 30V 5.5A
0TFFC80015A
IC904
AZ580001
FDS6930A 8P SO-8 30V 5.5A
0TFFC80015A
IC905
AZ580001
FDS6930A 8P SO-8 30V 5.5A
0TFFC80015A
Q100
AZ580002
CHIP 2SC3875S(ALY)KEC
0TR387500AA
Q100
AZ580003
BSS83
0TR830009BA
Q1000
AZ580002
CHIP 2SC3875S(ALY)KEC
0TR387500AA
Q1001
AZ580002
CHIP 2SC3875S(ALY)KEC
0TR387500AA
Q1002
AZ580002
CHIP 2SC3875S(ALY)KEC
0TR387500AA
Q1003
AZ580002
CHIP 2SC3875S(ALY)KEC
0TR387500AA
Q1004
AZ580002
CHIP 2SC3875S(ALY)KEC
0TR387500AA
Q1005
AZ580002
CHIP 2SC3875S(ALY)KEC
0TR387500AA
Q101
AZ580003
BSS83
0TR830009BA
Q102
AZ580004
CHIP KRC102S SOY-23
0TR102009AG
Q103
AZ580002
CHIP 2SC3875S(ALY)KEC
0TR387500AA
Q104
AZ580002
CHIP 2SC3875S(ALY)KEC
0TR387500AA
Q105
AZ580005
CHIP 2SA1504S(ASY)KEC
0TR150400BA
Q107
AZ580002
CHIP 2SC3875S(ALY)KEC
0TR387500AA
Q1201
AZ580002
CHIP 2SC3875S(ALY)KEC
0TR387500AA
Q1202
AZ580002
CHIP 2SC3875S(ALY)KEC
0TR387500AA
Q1203
AZ580002
CHIP 2SC3875S(ALY)KEC
0TR387500AA
Q1204
AZ580002
CHIP 2SC3875S(ALY)KEC
0TR387500AA
Q1205
AZ580002
CHIP 2SC3875S(ALY)KEC
0TR387500AA
Q1206
AZ580002
CHIP 2SC3875S(ALY)KEC
0TR387500AA
Q1208
AZ580005
CHIP 2SA1504S(ASY)KEC
0TR150400BA
Q1209
AZ580002
CHIP 2SC3875S(ALY)KEC
0TR387500AA
Q1210
AZ580005
CHIP 2SA1504S(ASY)KEC
0TR150400BA
Q1211
AZ580002
CHIP 2SC3875S(ALY)KEC
0TR387500AA
Q1213
AZ580002
CHIP 2SC3875S(ALY)KEC
0TR387500AA
Q1218
AZ580005
CHIP 2SA1504S(ASY)KEC
0TR150400BA
Q1219
AZ580002
CHIP 2SC3875S(ALY)KEC
0TR387500AA
Q1222
AZ580002
CHIP 2SC3875S(ALY)KEC
0TR387500AA
Q1223
AZ580002
CHIP 2SC3875S(ALY)KEC
0TR387500AA
Q1224
AZ580002
CHIP 2SC3875S(ALY)KEC
0TR387500AA
Q1225
AZ580002
CHIP 2SC3875S(ALY)KEC
0TR387500AA
Q200
AZ580002
CHIP 2SC3875S(ALY)KEC
0TR387500AA
Q201
AZ580002
CHIP 2SC3875S(ALY)KEC
0TR387500AA
Q202
AZ580002
CHIP 2SC3875S(ALY)KEC
0TR387500AA
Q203
AZ580002
CHIP 2SC3875S(ALY)KEC
0TR387500AA
Q204
AZ580002
CHIP 2SC3875S(ALY)KEC
0TR387500AA
LOCA. NO. PART NO.
DESCRIPTION
REFERENCE NO.
Q205
AZ580002
CHIP 2SC3875S(ALY)KEC
0TR387500AA
Q206
AZ580006
KRA102S SOT23 CHIP TR
0TR102008AA
Q207
AZ580002
CHIP 2SC3875S(ALY)KEC
0TR387500AA
Q208
AZ580002
CHIP 2SC3875S(ALY)KEC
0TR387500AA
Q209
AZ580002
CHIP 2SC3875S(ALY)KEC
0TR387500AA
Q210
AZ580002
CHIP 2SC3875S(ALY)KEC
0TR387500AA
Q211
AZ580002
CHIP 2SC3875S(ALY)KEC
0TR387500AA
Q212
AZ580002
CHIP 2SC3875S(ALY)KEC
0TR387500AA
Q302
AZ580002
CHIP 2SC3875S(ALY)KEC
0TR387500AA
Q305
AZ580002
CHIP 2SC3875S(ALY)KEC
0TR387500AA
Q306
AZ580002
CHIP 2SC3875S(ALY)KEC
0TR387500AA
Q307
AZ580002
CHIP 2SC3875S(ALY)KEC
0TR387500AA
Q308
AZ580003
BSS83
0TR830009BA
Q309
AZ580003
BSS83
0TR830009BA
Q310
AZ580002
CHIP 2SC3875S(ALY)KEC
0TR387500AA
Q311
AZ580002
CHIP 2SC3875S(ALY)KEC
0TR387500AA
Q501
AZ580003
BSS83
0TR830009BA
Q502
AZ580003
BSS83
0TR830009BA
Q600
AZ580002
CHIP 2SC3875S(ALY)KEC
0TR387500AA
Q601
AZ580002
CHIP 2SC3875S(ALY)KEC
0TR387500AA
Q602
AZ580002
CHIP 2SC3875S(ALY)KEC
0TR387500AA
Q603
AZ580002
CHIP 2SC3875S(ALY)KEC
0TR387500AA
Q604
AZ580002
CHIP 2SC3875S(ALY)KEC
0TR387500AA
Q701
AZ580005
CHIP 2SA1504S(ASY)KEC
0TR150400BA
Q703
AZ580005
CHIP 2SA1504S(ASY)KEC
0TR150400BA
Q704
AZ580005
CHIP 2SA1504S(ASY)KEC
0TR150400BA
Q801
AZ580002
CHIP 2SC3875S(ALY)KEC
0TR387500AA
Q801
AZ580007
STW20NK80Z TO-247 500V 17A
0TFSG10004A
Q802
AZ580002
CHIP 2SC3875S(ALY)KEC
0TR387500AA
Q830
AZ580008
STW8NK80Z TO-247 800V 6.2A
0TFSG10003A
Q832
AZ580009
KTC4370A-Y TO-220IS KEC
0TR437000BA
Q840
AZ580010
KTC3227-Y, TP(KTC1627A), KEC
0TR322709AA
Q852
AZ580011
KSC945C-Y TO92 50V 150MA
0TR945009AA
Q871
AZ580012
KTA1024-Y(KTA949)TP KEC
0TR102409AB
Q872
AZ580010
KTC3227-Y, TP(KTC1627A), KEC
0TR322709AA
DIODE
D1
AZ480001
LED,LTL-30EWJ
0DLLT0260AA
D1
AZ480002
KDS184S CHIP 85V 300MA
0DD184009AA
D100
AZ480003
SDC15 SOT23 12.8V
0DRSE00038A
D100
AZ480004
B140A 40V 1A 30A.SEC 0.5MA
0DRDI00148
D102
AZ480005
SD05.TC SOD323 5V 5A 15A
0DR050008AA
D103
AZ480005
SD05.TC SOD323 5V 5A 15A
0DR050008AA
D104
AZ480005
SD05.TC SOD323 5V 5A 15A
0DR050008AA
D105
AZ480003
SDC15 SOT23 12.8V
0DRSE00038A
D106
AZ480005
SD05.TC SOD323 5V 5A 15A
0DR050008AA
D2
AZ480001
LED,LTL-30EWJ
0DLLT0260AA
D201
AZ480006
1N4148 TP GRANDE
0DD414809ED
D3
AZ480001
LED,LTL-30EWJ
0DLLT0260AA
D3
AZ480007
CHIP KDS226 SOT-23
0DD226239AA
D300
AZ480002
KDS184S CHIP 85V 300MA
0DD184009AA
D4
AZ480002
KDS184S CHIP 85V 300MA
0DD184009AA
D5
AZ480002
KDS184S CHIP 85V 300MA
0DD184009AA
D6
AZ480002
KDS184S CHIP 85V 300MA
0DD184009AA
D700
AZ480008
1SS133 T-72 TP DO34 90V
0DS113379BA
D704
AZ480008
1SS133 T-72 TP DO34 90V
0DS113379BA
D706
AZ480008
1SS133 T-72 TP DO34 90V
0DS113379BA
ELECTRICAL REPLACEMENT PARTS LIST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com