Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0DZGS00108A Datasheet(PDF) 12 Page - Toshiba Semiconductor

Part # 0DZGS00108A
Description  PROJECTION TV
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

0DZGS00108A Datasheet(HTML) 12 Page - Toshiba Semiconductor

Back Button 0DZGS00108A Datasheet HTML 8Page - Toshiba Semiconductor 0DZGS00108A Datasheet HTML 9Page - Toshiba Semiconductor 0DZGS00108A Datasheet HTML 10Page - Toshiba Semiconductor 0DZGS00108A Datasheet HTML 11Page - Toshiba Semiconductor 0DZGS00108A Datasheet HTML 12Page - Toshiba Semiconductor 0DZGS00108A Datasheet HTML 13Page - Toshiba Semiconductor 0DZGS00108A Datasheet HTML 14Page - Toshiba Semiconductor 0DZGS00108A Datasheet HTML 15Page - Toshiba Semiconductor 0DZGS00108A Datasheet HTML 16Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
- 12 -
ADJUSTMENT INSTRUCTIONS
1. Application Object
This instruction is for the application to the DLP
Projection(Chassis: MB-042G).
2. Notes
(1) The power source insulation of this DLP Projection is not
charging type and you may not use the transformer for
insulation. But you’d better adjust the set after operating it
with insulation transformer between power supply cable
and input part of the set for protecting the adjusting
equipments.
(2) The adjustment must be performed under the correct
sequence.
(3) The adjustment must be performed in the circumstance of
25±5°C of temperature and 65±10% of relative humidity if
there is no specific designation.
(4) The input voltage of the receiver must keep AC 120V,
60Hz in adjusting.
(5) The set must be operated for 5 minutes preliminarily
before adjustment if there is no specific designation.
The preliminary operation must be performed after
receiving 100% white pattern,but reception of the moving
picture may also be possible in unavoidable case.
3. Composition of Adjustment Mode
(1) All adjustment mode are entered by pressing the ADJ key
on the remore control,after adjustment pess the ADJ key to
come out.
(2) Below picture is screen composition when press the first
ADJ key.
(3) As shown <Fig. 1>, using the (CH+ (
D), CH- (E)) key,
select to item press the ENTER or VOLUME+ (
G) key to
enter the appropriate item and operate the adjustment.
(4) Change the value of adjustment with using the volume
+(
G), volume -(F) key after select adjustment item one
more using the (CH+ (
D), CH- (E)) key in ADJ Mode.
(5) Press the ADJ key to come out after adjustment.
(6) Preparation for Adjustment
1) Connect the power to TV Set and set the status of
“Power on”.
2) Heat-Run must operate over 5 minitues before
adjustment.
4. Driver Board Bin Setting
See Bias Voltage Bin on the DMD as shown <Fig. 2> and
adjust the switch on the lower Driver Board as shown <Fig.
3>.
<Fig. 2> DMD Marking Locations
<Fig. 1> Adjustment Mode OSD
<Fig. 3> Driver Board Bin Setting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com