Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0DZGS00108A Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part # 0DZGS00108A
Description  PROJECTION TV
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

0DZGS00108A Datasheet(HTML) 6 Page - Toshiba Semiconductor

Back Button 0DZGS00108A Datasheet HTML 2Page - Toshiba Semiconductor 0DZGS00108A Datasheet HTML 3Page - Toshiba Semiconductor 0DZGS00108A Datasheet HTML 4Page - Toshiba Semiconductor 0DZGS00108A Datasheet HTML 5Page - Toshiba Semiconductor 0DZGS00108A Datasheet HTML 6Page - Toshiba Semiconductor 0DZGS00108A Datasheet HTML 7Page - Toshiba Semiconductor 0DZGS00108A Datasheet HTML 8Page - Toshiba Semiconductor 0DZGS00108A Datasheet HTML 9Page - Toshiba Semiconductor 0DZGS00108A Datasheet HTML 10Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
- 6 -
AUDIO
CENTER
MODE IN
DVI INPUT
COLORSTREAM HD
INPUT2
INPUT1
PR
PB
Y
PC/DTV
(XGA/
480p/
720p/
1080i)
PC/DTV
(XGA/
480p/
720p/
1080i)
RGB INPUT
UPGRADE PORT
RGB/DVI INPUT
(R)
(L)
AUDIO
(R)
(L)
AUDIO
(R)
(L)
AUDIO
VARIABLE
AUDIO OUT
MONITOR
OUT
VIDEO
INPUT 2
VIDEO
INPUT 1
S-VIDEO
(R)
(L)
AUDIO
VIDEO
MONO
+
75
Ω
ANT IN
DTV /DVD
(480i/
480p/
720p/
1080i)
(480i/
480p/
720p/
1080i)
Mini glossary
JACK
A connection on the back of a TV, VCR, or any other A/V device. This includes the RF jack and the Audio/Video jacks that are
color-coded.
SIGNAL Picture and sound traveling through cable, or over the air, to your television screen.
Rear Connections Panel
S-VIDEO In
A connection available with
some high-end equipment
that provides even better pic-
ture quality for Video 2.
Variable Audio Out
Used to connect either
an external amplifier, or
add a sub-woofer to your
surround sound system.
RF Connector: Antenna
Used to connect analog
cable or antenna signals
to the television, either
directly or through your
cable box.
Video 1 or 2
Connects the video sig-
nals from various types
of equipment.
COLORSTREAM HD
Connect a ColorStream HD video/audio
device to these jacks. Refer to your DVD
manual for further information.
Connecting cables and external equipment to your TV.
Monitor Out
Connects to a second TV
or Monitor
.
Left/Right Audio
Used for stereo sound
from various types of
equipment.
RGB/DVI Input
Connect the TV output con-
nector from a PC/DTV to
the appropriate input port.
RGB/DVI Input
Used for audio connec-
tions from a PC source or
HD-STB Satellite system.
Audio Center Mode In
Connect to external Dolby
¨
Digital Center “preamp out-
put.”
DESCRIPTION OF CONTROLS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com