Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0DZGS00108A Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # 0DZGS00108A
Description  PROJECTION TV
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

0DZGS00108A Datasheet(HTML) 4 Page - Toshiba Semiconductor

  0DZGS00108A Datasheet HTML 1Page - Toshiba Semiconductor 0DZGS00108A Datasheet HTML 2Page - Toshiba Semiconductor 0DZGS00108A Datasheet HTML 3Page - Toshiba Semiconductor 0DZGS00108A Datasheet HTML 4Page - Toshiba Semiconductor 0DZGS00108A Datasheet HTML 5Page - Toshiba Semiconductor 0DZGS00108A Datasheet HTML 6Page - Toshiba Semiconductor 0DZGS00108A Datasheet HTML 7Page - Toshiba Semiconductor 0DZGS00108A Datasheet HTML 8Page - Toshiba Semiconductor 0DZGS00108A Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
- 4 -
Product Specifications
Model
44NHM84
Horizontal Size (Inches)
39.92
Height (Inches)
29.19
Depth (Inches)
14.29
Weight (lbs.)
59.5
Power Requirement
AC 120V, 60Hz
Television System
NTSC, External STB is required for the reception of Satellite broadcasting or Digital Cable
broadcasting
Television Channels
VHF: 2 - 13
UHF: 14 - 69
CATV: 1 - 125
Power Consumption (W)
230W
Antenna
75 ohm External Terminal for VHF/UHF
Audio Output (W)
12W x 2
External Input/Output Ports
A/V input (3 set)
Monitor out (1 set)
S-Video input (2)
COLORSTREAM HD input (2 set)
RGB input (1)
DVI input (1)
RGB/DVI audio input (1 set)
Variable audio output (1 set)
Audio center mode input (1)
Upgrade port (1)
RF input (1)
• This model complies with the specifications listed below.
• Designs and specifications are subject to change without notice.
• This model may not be compatible with features and/or specifications that may be
added in the future.
SPECIFICATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com