Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0DZGS00108A Datasheet(PDF) 23 Page - Toshiba Semiconductor

Part # 0DZGS00108A
Description  PROJECTION TV
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

0DZGS00108A Datasheet(HTML) 23 Page - Toshiba Semiconductor

Back Button 0DZGS00108A Datasheet HTML 18Page - Toshiba Semiconductor 0DZGS00108A Datasheet HTML 19Page - Toshiba Semiconductor 0DZGS00108A Datasheet HTML 20Page - Toshiba Semiconductor 0DZGS00108A Datasheet HTML 21Page - Toshiba Semiconductor 0DZGS00108A Datasheet HTML 22Page - Toshiba Semiconductor 0DZGS00108A Datasheet HTML 23Page - Toshiba Semiconductor 0DZGS00108A Datasheet HTML 24Page - Toshiba Semiconductor 0DZGS00108A Datasheet HTML 25Page - Toshiba Semiconductor 0DZGS00108A Datasheet HTML 26Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
- 54 -
LOCA. NO. PART NO.
DESCRIPTION
REFERENCE NO.
C913
AZ180020
0.1UF 1608 16V 10%
0CK104CF56A
C915
AZ180014
47UF MVG 16V M
0CE476SF6DC
C919
AZ180020
0.1UF 1608 16V 10%
0CK104CF56A
C920
AZ180020
0.1UF 1608 16V 10%
0CK104CF56A
C921
AZ180020
0.1UF 1608 16V 10%
0CK104CF56A
C922
AZ180020
0.1UF 1608 16V 10%
0CK104CF56A
C923
AZ180014
47UF MVG 16V M
0CE476SF6DC
C924
AZ180020
0.1UF 1608 16V 10%
0CK104CF56A
C926
AZ180020
0.1UF 1608 16V 10%
0CK104CF56A
C927
AZ180020
0.1UF 1608 16V 10%
0CK104CF56A
C929
AZ180020
0.1UF 1608 16V 10%
0CK104CF56A
C930
AZ180046
470PF 1608 50V 5%
0CC471CK41A
C931
AZ180063
270PF 1608 50V 5%
0CK271CK46A
C932
AZ180064
2700PF 1608 50V 5%
0CK272CK46A
C933
AZ180020
0.1UF 1608 16V 10%
0CK104CF56A
C934
AZ180020
0.1UF 1608 16V 10%
0CK104CF56A
C936
AZ180065
100PF 1608 50V 5%
0CC101CK41A
C937
AZ180066
120PF 1608 50V 5%
0CK121CK46A
C938
AZ180067
0.01UF 1608 50V 10%
0CK103CK56A
C939
AZ180020
0.1UF 1608 16V 10%
0CK104CF56A
C940
AZ180067
0.01UF 1608 50V 10%
0CK103CK56A
C941
AZ180020
0.1UF 1608 16V 10%
0CK104CF56A
C942
AZ180020
0.1UF 1608 16V 10%
0CK104CF56A
C943
AZ180020
0.1UF 1608 16V 10%
0CK104CF56A
C944
AZ180020
0.1UF 1608 16V 10%
0CK104CF56A
C945
AZ180020
0.1UF 1608 16V 10%
0CK104CF56A
C946
AZ180020
0.1UF 1608 16V 10%
0CK104CF56A
C947
AZ180020
0.1UF 1608 16V 10%
0CK104CF56A
C949
AZ180020
0.1UF 1608 16V 10%
0CK104CF56A
C950
AZ180020
0.1UF 1608 16V 10%
0CK104CF56A
JACK
JA1201
AZ780001
JACK ASSEMBLY, PMJ021G 9P
6613V00013G
JA1202A
AZ780002
JACK,RCA PJ6061E 6P
6612VJH006C
JA200
AZ780003
JACK ASSY, PMJ021B 9P
6613V00013B
JA201
AZ780003
JACK ASSY, PMJ016B 3P
6613V00010B
JA201
AZ780004
JACK, DIN PHSJ-9504
380-404A
P501
AZ780005
JACK, DIN 74320-3004 30PIN
6612BBBHN7A
COIL & TRANSFORMER
L100
AZ380020
COIL, CHOKE SB7032-751 750UH
6140VB0023A
L861
AZ380021
COIL, CHOKE 82UH
150-C02F
L871
AZ380021
COIL, CHOKE 82UH
150-C02F
L881
AZ380021
COIL, CHOKE 82UH
150-C02F
L891
AZ380021
COIL, CHOKE 82UH
150-C02F
L903
AZ380022
COIL, DT1608C-223 22UF+-20% 0.5A
6140VR0007A
L904
AZ380022
COIL, DT1608C-223 22UF+-20% 0.5A
6140VR0007A
T801
AZ380023
TRANSFORMER, SMPS (COIL)
6170VMCA06N
EER4220 360UH
T830
AZ380024
TRANSFORMER, SMPS (COIL)
6170VMCA13T
EER4215 660UH
CONNECTOR
JA1200
AZ780006
CONNECTOR, D-SUB 15P 2.29MM
6630TGA004F
P100
AZ780007
CONNECTOR, DIN41612 SOCKET
6630B60F532
P101
AZ780007
CONNECTOR, DIN41612 SOCKET
6630B60F532
P101B
AZ780007
CONNECTOR, DIN41612 SOCKET
6630B60F532
LOCA. NO. PART NO.
DESCRIPTION
REFERENCE NO.
P102
AZ780008
CONNECTOR, D-SUB 24P 1.91MM
6630GZ00724
P102B
AZ780007
CONNECTOR, DIN41612 SOCKET
6630B60F532
P104
AZ780009
CONNECTOR, D-SUB 9PIN 2.77MM
6630VGA004A
P1200B
AZ780007
CONNECTOR, DIN41612 SOCKET
6630B60F532
P300
AZ780008
CONNECTOR, D-SUB 24P 1.91MM
6630GZ00724
RESISTOR
AR1001
AZ280001
22 OHM 1/16W 1608 5%
0RRZVTA001D
AR1002
AZ280001
22 OHM 1/16W 1608 5%
0RRZVTA001D
AR1003
AZ280001
22 OHM 1/16W 1608 5%
0RRZVTA001D
AR1004
AZ280001
22 OHM 1/16W 1608 5%
0RRZVTA001D
AR1005
AZ280001
22 OHM 1/16W 1608 5%
0RRZVTA001D
AR1006
AZ280001
22 OHM 1/16W 1608 5%
0RRZVTA001D
AR1007
AZ280001
22 OHM 1/16W 1608 5%
0RRZVTA001D
AR1008
AZ280001
22 OHM 1/16W 1608 5%
0RRZVTA001D
AR503
AZ280001
22 OHM 1/16W 1608 5%
0RRZVTA001D
AR504
AZ280001
22 OHM 1/16W 1608 5%
0RRZVTA001D
AR506
AZ280001
22 OHM 1/16W 1608 5%
0RRZVTA001D
AR516
AZ280001
22 OHM 1/16W 1608 5%
0RRZVTA001D
AR518
AZ280001
22 OHM 1/16W 1608 5%
0RRZVTA001D
AR519
AZ280001
22 OHM 1/16W 1608 5%
0RRZVTA001D
AR522
AZ280001
22 OHM 1/16W 1608 5%
0RRZVTA001D
AR523
AZ280001
22 OHM 1/16W 1608 5%
0RRZVTA001D
AR526
AZ280001
22 OHM 1/16W 1608 5%
0RRZVTA001D
AR529
AZ280001
22 OHM 1/16W 1608 5%
0RRZVTA001D
AR530
AZ280001
22 OHM 1/16W 1608 5%
0RRZVTA001D
AR531
AZ280001
22 OHM 1/16W 1608 5%
0RRZVTA001D
AR744
AZ280002
MNR-14-E0A-J-101 R OHM
0RRZVTA001A
100 OHM 5%
AR746
AZ280002
MNR-14-E0A-J-101 R OHM
0RRZVTA001A
100 OHM 5%
AR748
AZ280002
MNR-14-E0A-J-101 R OHM
0RRZVTA001A
100 OHM 5%
AR750
AZ280002
MNR-14-E0A-J-101 R OHM
0RRZVTA001A
100 OHM 5%
AR846
AZ280002
MNR-14-E0A-J-101 R OHM
0RRZVTA001A
100 OHM 5%
AR847
AZ280002
MNR-14-E0A-J-101 R OHM
0RRZVTA001A
100 OHM 5%
AR848
AZ280002
MNR-14-E0A-J-101 R OHM
0RRZVTA001A
100 OHM 5%
J2
AZ280003
0.02 OHM 1 W 20%
0RP0020J809
R1
AZ280004
75 OHM 1/6 W 5.00%
0RD0752F609
R1286
AZ280005
10K OHM 1/6 W 1.00%
0RN1002F409
R2
AZ280006
470K OHM 1/6 W 5.00%
0RD4703F609
R3
AZ280006
470K OHM 1/6 W 5.00%
0RD4703F609
R4
AZ280007
75 OHM 1/6 W 5.00%
0RD0752F609
R5
AZ280007
75 OHM 1/6 W 5.00%
0RD0752F609
R722
AZ280008
3.3 OHM 1/2 W 5.00%
0RF0331H609
R724
AZ280008
3.3 OHM 1/2 W 5.00%
0RF0331H609
R779
AZ280009
5.6 OHM 1/2 W 5.00%
0RD0561H609
R800
AZ280010
4.7M OHM 1/2 W 5%
0RKZVTA001B
R810
AZ280011
2.2M OHM 1/6 W 5.00%
0RD2204F609
R811
AZ280011
2.2M OHM 1/6 W 5.00%
0RD2204F609
R812
AZ280012
33K OHM 1/6 W 5%
0RD3302F609
R813
AZ280013
10K OHM 1/6 W 5%
0RD1002F609
R814
AZ280014
560K OHM 1/4 W 1.00%
0RN5603G409
R815
AZ280015
510K OHM 1/4 W 1%
0RN5103G409
R816
AZ280015
510K OHM 1/4 W 1%
0RN5103G409
ELECTRICAL REPLACEMENT PARTS LIST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com