Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0DZGS00108A Datasheet(PDF) 17 Page - Toshiba Semiconductor

Part # 0DZGS00108A
Description  PROJECTION TV
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

0DZGS00108A Datasheet(HTML) 17 Page - Toshiba Semiconductor

Back Button 0DZGS00108A Datasheet HTML 13Page - Toshiba Semiconductor 0DZGS00108A Datasheet HTML 14Page - Toshiba Semiconductor 0DZGS00108A Datasheet HTML 15Page - Toshiba Semiconductor 0DZGS00108A Datasheet HTML 16Page - Toshiba Semiconductor 0DZGS00108A Datasheet HTML 17Page - Toshiba Semiconductor 0DZGS00108A Datasheet HTML 18Page - Toshiba Semiconductor 0DZGS00108A Datasheet HTML 19Page - Toshiba Semiconductor 0DZGS00108A Datasheet HTML 20Page - Toshiba Semiconductor 0DZGS00108A Datasheet HTML 21Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
- 48 -
ELECTRICAL REPLACEMENT PARTS LIST
CAUTION:
The international hazard symbols “
” in the schematic diagram and the parts list designate components which
have special characteristics important for safety and should be replaced only with types identical to those in the
original circuit or specified in the parts list. The mounting position of replacements is to be identical with originals.
Before replacing any of these components, read carefully the PRODUCT SAFETY NOTICE.
Do not degrade the safety of the receiver through improper servicing.
NOTICE:
• The part number must be used when ordering parts, in order to assist in processing, be sure to include the Model
number and Description.
• The P.C. board assembly with
∗ mark is no longer available after the end of the production.
For Capacitor & Resistors, the charactors at 2nd and 3rd digit in the REFERENCE NO. means as follows;
CC, CX, CK, CN : Ceramic
RD : Carbon Film
CQ : Polyestor
RS : Metal Oxide Film
CE : Electrolytic
RN : Metal Film
RF : Fusible
LOCA. NO. PART NO.
DESCRIPTION
REFERENCE NO.
IC
IC1
AZ681001
M37151EFFP 42P SSOP R/TP MICOM 0ICTMMI057A
IC1
AZ681002
GP2S40 SHARP 4P
0IMCRSH003A
IC1
AZ681003
TC7S14F(T5L,T)5P
0IPRPTO002A
IC100
AZ681004
74HC14D 14SOP
0IPH741400E
IC100
AZ681005
MC34063ADR2G SO-8P DC-DC
0IPMGON013B
CONVERTER
IC1000
AZ681006
M62320FP 16P SOP
0IMI623200B
IC1001
AZ681006
M62320FP 16P SOP
0IMI623200B
IC1004
AZ681007
THC63LVD104A 64P
0IMCRTH003A
IC101
AZ681008
KIA278R05PI TO220IS, 4P
0IMCRKE006A
IC102
AZ681009
M306V7FJFP 100P
0IMCRM1070B
IC102
AZ681010
KIA7809API TO220 ST 3P 9V
0IKE780900M
IC103
AZ681011
24LC256-I/SM 8P 256K IIC SERIAL
0IMP242560A
EEPROM
IC104
AZ681012
KIA7027AF 3, SOT-89 TP RESET
0IKE702700D
IC 2.7V
IC105
AZ681013
ST3232CDR SOP16 RS232
0IMCRSG010A
IC106
AZ681014
THC63LVD103 64P
0IMCRTH002A
IC107
AZ681015
EL2250CS-T7 8P
0IMCRET002B
IC1200
AZ681016
KIA78R05F 5PIN DPAK R/TP 1A, 5V
0IPMGKE030A
IC1201
AZ681017
CXA2181Q 48P VIDEO SYNC
0IMCRSO025A
SELECTOR
IC2
AZ681018
TC7S14F(T5L,T)5P
0IPRPTO002A
IC2
AZ681019
KIA78R33API 4P TO220 ST 3.3V
0IMCRKE019A
IC200
AZ681020
CXA2069Q QFP64 BK 12C BUS AV
0ISO206900A
S/W
IC3
AZ681021
KIA78R05API 4P TO220 ST 5V
0IMCRKE018A
IC300
AZ681022
VPC3230D C5 80P VIDEO
0IIT323000E
PROCESSOR
IC301
AZ681023
M74HC123RM13TR 16P
0ISTLSSG009A
IC302
AZ681024
XC95144XL-10TQ100C 3.3V
0IMCRXL003A
IC304
AZ681025
P82B715T 8SOP
0IPH827150A
IC305
AZ681026
AT24C02N-10SI-2.7 8P
0IMMRAL014B
IC306
AZ681027
AD9883AKST-110 80P DIGITAL
0IMCRAD002A
BOARD
IC307
AZ681028
SIL 169CT100 100P
0IMCRS5003A
IC4
AZ681029
KA75420ZTA 3P TO-92 TP 4.2V
0IFA754207A
LOCA. NO. PART NO.
DESCRIPTION
REFERENCE NO.
IC404
AZ681008
KIA278R05PI TO220IS, 4P
0IMCRKE006A
IC405
AZ681030
KIA278R33PI TO220IS, 4P
0IMCRKE006B
IC406
AZ681030
KIA278R33PI TO220IS, 4P
0IMCRKE006B
IC407
AZ681031
KIA278R25PI 2.5V 2A TO220IS, 4P
0IPMGKE045A
IC409
AZ681032
KIA278R12API 4P TO220IS
0IMCRKE003B
IC5
AZ681033
AT24C16AN-10SI-2.7 8P
0IMCRAL006A
IC500
AZ681034
LGDT1502M LG IC 304P
0ICTMLG003C
IC501
AZ681035
HY57V643220C(L)T-6 86P
0IMMRHY033A
IC502
AZ681036
SN74LVC00AD 14SOP
0ITI740000Q
IC502
AZ681037
X1272-0346 251P
0IZZVF0020B
IC503
AZ681038
LGDT1901A LG IC 24P
0ICTMLG013A
IC504
AZ681035
HY57V643220C(L)T-6 86P
0IMMRHY033A
IC600
AZ681039
MSP3440G QA B8 V3 80 SOUND IC
0IMCRMN014A
IC601
AZ681040
KA4558D 8SOP OP AMP
0ISS455880A
IC602
AZ681029
KA75420ZTA 3P TO-92 TP 4.2V
0IFA754207A
IC700
AZ681041
2503227-001(DDP1010) 529P
0IMCRT011A
IC701
AZ681030
KIA278R33PI TO220IS, 4P ST 3.3V
0IMCRKE006B
IC701
AZ681042
AT49BV8192A-90TI 48P
0IMMRAL015C
IC702
AZ681030
KIA278R33PI TO220IS, 4P ST 3.3V
0IMCRKE006B
IC702
AZ681043
K4S161622E-TC80 50TSOP
0ISS416162C
IC702
AZ681044
KA2903 FAIRCHILD 8SOP
0IMCRFA003A
IC703
AZ681031
KIA278R25PI 2.5V 2A TO220IS, 4P
0IPMGKE045A
IC703
AZ681045
UPD64011AGM-8ED-A NEC LQFP
0IMCRNE045A
160P
IC705
AZ681033
AT24C16AN-10SI-2.7 8P
0IMCRAL006A
IC706
AZ681046
LA4282 12S 2CHX10W AUDIO AMP
0ISA428200A
IC707
AZ681032
KIA278R12API 4P TO220IS ST 12V/1A 0IMCRKE003B
IC708
AZ681030
KIA278R33PI TO220IS, 4P ST 3.3V
0IMCRKE006B
IC709
AZ681031
KIA278R25PI 2.5V 2A TO220IS, 4P
0IPMGKE045A
IC800
AZ681047
K4R271669F-TCS8 54P
0IMMRSS053B
IC801
AZ681048
CDCR83 24P
0IMCRTI014A
IC802
AZ681049
74VIT125CTR 5P S0T323-5L
0IMCRSG007A
IC803
AZ681050
74LX1G14CTR 5P SOT323-5L
0IMCRSG008A
IC804
AZ681050
74LX1G14CTR 5P SOT323-5L
0IMCRSG008A
IC805
AZ681051
MAX708SCSA 8P
0IMCRMX001A
IC806
AZ681050
74LX1G14CTR 5P SOT323-5L
0IMCRSG008A
IC807
AZ681051
MAX708SCSA 8P
0IMCRMX001A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com