Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPAX607 Datasheet(PDF) 29 Page - Texas Instruments

Part # OPAX607
Description  OPAx863 Low-Power, 110-MHz, Rail-to-Rail Input and Output Amplifier
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPAX607 Datasheet(HTML) 29 Page - Texas Instruments

Back Button OPAX607 Datasheet HTML 25Page - Texas Instruments OPAX607 Datasheet HTML 26Page - Texas Instruments OPAX607 Datasheet HTML 27Page - Texas Instruments OPAX607 Datasheet HTML 28Page - Texas Instruments OPAX607 Datasheet HTML 29Page - Texas Instruments OPAX607 Datasheet HTML 30Page - Texas Instruments OPAX607 Datasheet HTML 31Page - Texas Instruments OPAX607 Datasheet HTML 32Page - Texas Instruments OPAX607 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 49 page
background image
10 Power Supply Recommendations
The OPAx863 devices are intended to operate on supplies ranging from 2.7 V to 12.6 V. The OPAx863 devices
may operate on single-sided supplies, split and balanced bipolar supplies, or unbalanced bipolar supplies.
Operating from a single supply can have numerous advantages. The DC errors, due to the –PSRR term, can
be minimized with the negative supply at ground. Typically, AC performance improves slightly at 10-V operation
with minimal increase in supply current. Minimize the distance (< 0.1 in) from the power supply pins to high-
frequency, 0.01-µF decoupling capacitors. A larger capacitor (2.2 µF typical) is used along with a high-frequency,
0.01-µF supply-decoupling capacitor at the device supply pins. Only the positive supply has these capacitors
for single-supply operation. Use these capacitors from each supply to ground when a split-supply is used. If
necessary, place the larger capacitors further from the device and share these capacitors among several devices
in the same area of the printed circuit board (PCB). An optional supply decoupling capacitor across the two
power supplies (for split-supply operation) reduces second harmonic distortion.
11 Layout
11.1 Layout Guidelines
Achieving optimum performance with a high-frequency amplifier (like the OPAx863 devices) require careful
attention to board layout parasitics and external component types. The OPA2863 DGK Evaluation Module
user's guide can be used as a reference when designing the circuit board. Recommendations that optimize
performance includes the following:
1. Minimize parasitic capacitance to any AC ground for all of the signal I/O pins. Parasitic capacitance on
the output and inverting input pins can cause instability on the noninverting input and can react with the
source impedance to cause unintentional band-limiting. Open a window around the signal I/O pins in all of
the ground and power planes around those pins to reduce unwanted capacitance. Otherwise, ground and
power planes must be unbroken elsewhere on the board.
2. Minimize the distance (< 0.1 in) from the power-supply pins to high-frequency 0.01-µF decoupling
capacitors. Avoid narrow power and ground traces to minimize inductance between the pins and the
decoupling capacitors. The power-supply connections must always be decoupled with these capacitors.
Larger (2.2-µF to 6.8-µF) decoupling capacitors, effective at lower frequency, must also be used on the
supply pins. These can be placed somewhat farther from the device and shared among several devices in
the same area of the PC board.
3. Careful selection and placement of external components preserve the high frequency performance
of the OPAx863 devices. Resistors must be a low reactance type. Surface-mount resistors work best and
allow a tighter overall layout. Other network components, such as noninverting input termination resistors,
must also be placed close to the package. Keep resistor values as low as possible and consistent with
load driving considerations. Lowering the resistor values keep the resistor noise terms low and minimize the
effect of its parasitic capacitance; lower resistor values, however, increase the dynamic power consumption
because RF and RG become part of the amplifiers output load network.
www.ti.com
OPA863, OPA2863, OPA4863
SBOS982H – JUNE 2020 – REVISED AUGUST 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: OPA863 OPA2863 OPA4863



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com