Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPAX607 Datasheet(PDF) 14 Page - Texas Instruments

Part # OPAX607
Description  OPAx863 Low-Power, 110-MHz, Rail-to-Rail Input and Output Amplifier
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPAX607 Datasheet(HTML) 14 Page - Texas Instruments

Back Button OPAX607 Datasheet HTML 10Page - Texas Instruments OPAX607 Datasheet HTML 11Page - Texas Instruments OPAX607 Datasheet HTML 12Page - Texas Instruments OPAX607 Datasheet HTML 13Page - Texas Instruments OPAX607 Datasheet HTML 14Page - Texas Instruments OPAX607 Datasheet HTML 15Page - Texas Instruments OPAX607 Datasheet HTML 16Page - Texas Instruments OPAX607 Datasheet HTML 17Page - Texas Instruments OPAX607 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 49 page
background image
7.9 Typical Characteristics: VS = 10 V (continued)
at VS+ = 5 V, VS– = –5 V, RF = 0 Ω for Gain = 1 V/V, otherwise RF = 1 kΩ for other gains, CL = 1 pF, RL = 2 kΩ referenced to
mid-supply, G = 1 V/V, input and output referenced to mid-supply, and TA
≅ 25°C (unless otherwise noted)
Frequency (Hz)
-9
-6
-3
0
3
100k
1M
10M
100M
G = 1 V/V
G = 2 V/V
G = 5 V/V
G = 10 V/V
VOUT = 2 VPP
Figure 7-7. Large-Signal Frequency Response vs Gain
Frequency (Hz)
-12
-9
-6
-3
0
3
100k
1M
10M
100M
TA = 25°C
TA = 125 °C
TA = −45 °C
VOUT = 2 VPP
Figure 7-8. Frequency Response vs Ambient Temperature
Frequency (Hz)
-160
-140
-120
-100
-80
-60
-40
-20
1k
10k
100k
1M
10M
HD2, VOUT = 2 VPP
HD3, VOUT = 2 VPP
HD2, VOUT = 4 VPP
HD3, VOUT = 4 VPP
G = 1 V/V
Figure 7-9. Harmonic Distortion vs Frequency
Frequency (Hz)
-160
-140
-120
-100
-80
-60
-40
-20
1k
10k
100k
1M
10M
HD2, G = 1 V/V
HD3, G = 1 V/V
HD2, G = 2 V/V
HD3, G = 2 V/V
VOUT = 2 VPP
Figure 7-10. Harmonic Distortion vs Gain
Time (200 ns/div)
-0.15
-0.1
-0.05
0
0.05
0.1
0.15
.
Figure 7-11. Small-Signal Transient Response
Time (50 ns/div)
-6
-4
-2
0
2
4
6
.
Figure 7-12. Large-Signal Transient Response
OPA863, OPA2863, OPA4863
SBOS982H – JUNE 2020 – REVISED AUGUST 2022
www.ti.com
14
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: OPA863 OPA2863 OPA4863



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com