Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPAX607 Datasheet(PDF) 15 Page - Texas Instruments

Part # OPAX607
Description  OPAx863 Low-Power, 110-MHz, Rail-to-Rail Input and Output Amplifier
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPAX607 Datasheet(HTML) 15 Page - Texas Instruments

Back Button OPAX607 Datasheet HTML 11Page - Texas Instruments OPAX607 Datasheet HTML 12Page - Texas Instruments OPAX607 Datasheet HTML 13Page - Texas Instruments OPAX607 Datasheet HTML 14Page - Texas Instruments OPAX607 Datasheet HTML 15Page - Texas Instruments OPAX607 Datasheet HTML 16Page - Texas Instruments OPAX607 Datasheet HTML 17Page - Texas Instruments OPAX607 Datasheet HTML 18Page - Texas Instruments OPAX607 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 49 page
background image
7.9 Typical Characteristics: VS = 10 V (continued)
at VS+ = 5 V, VS– = –5 V, RF = 0 Ω for Gain = 1 V/V, otherwise RF = 1 kΩ for other gains, CL = 1 pF, RL = 2 kΩ referenced to
mid-supply, G = 1 V/V, input and output referenced to mid-supply, and TA
≅ 25°C (unless otherwise noted)
Time (100 ns/div)
-6
-4
-2
0
2
4
6
Input
Output
Gain = 1 V/V
Figure 7-13. Input Overdrive Recovery
Time (100 ns/div)
-6
-4
-2
0
2
4
6
Input x -1 V/V
Output
Gain = -1 V/V
Figure 7-14. Output Overdrive Recovery
Input Common-Mode Voltage (V)
-6
-5
-4
-3
-2
-1
0
1
2
3
4
5
6
-600
-300
0
300
600
900
1200
Measured for 10 units
Figure 7-15. Input Offset Voltage vs Input Common-Mode
Voltage
Input Common-Mode Voltage (V)
-5.5 -4.5 -3.5 -2.5 -1.5 -0.5 0.5
1.5
2.5
3.5
4.5
5.5
-1000
-750
-500
-250
0
250
500
750
1000
.
Figure 7-16. Input Bias Current vs Input Common-Mode Voltage
Output Current (mA)
0
5
10
15
20
25
30
35
-6
-4
-2
0
2
4
6
Sourcing
Sinking
.
Figure 7-17. Output Voltage vs Load Current
Ambient Temperature (°C)
-40
-20
0
20
40
60
80
100
120
140
-50
-40
-30
-20
-10
0
10
20
30
40
50
Sourcing
Sinking
Output saturated and then short-circuited to opposite supply
Figure 7-18. Output Short-Circuit Current vs Ambient
Temperature
www.ti.com
OPA863, OPA2863, OPA4863
SBOS982H – JUNE 2020 – REVISED AUGUST 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: OPA863 OPA2863 OPA4863



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com