Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPAX607 Datasheet(PDF) 25 Page - Texas Instruments

Part # OPAX607
Description  OPAx863 Low-Power, 110-MHz, Rail-to-Rail Input and Output Amplifier
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPAX607 Datasheet(HTML) 25 Page - Texas Instruments

Back Button OPAX607 Datasheet HTML 21Page - Texas Instruments OPAX607 Datasheet HTML 22Page - Texas Instruments OPAX607 Datasheet HTML 23Page - Texas Instruments OPAX607 Datasheet HTML 24Page - Texas Instruments OPAX607 Datasheet HTML 25Page - Texas Instruments OPAX607 Datasheet HTML 26Page - Texas Instruments OPAX607 Datasheet HTML 27Page - Texas Instruments OPAX607 Datasheet HTML 28Page - Texas Instruments OPAX607 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 49 page
background image
9 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
9.1 Application Information
9.2 Low-Side Current Sensing
Power converters use current-mode feedback control for superior transient response and multi-phase load
sharing. Inverter stages control the phase currents for torque control in motor drives. Due to its simplicity and
low-cost, many of these topologies use difference amplifier based low-side current sensing. Figure 9-1 shows
the use of OPAx863 in a difference amplifier circuit for low-side current sensing.
+
±
600Ÿ
600Ÿ
12kŸ
12kŸ
RSH
1.65V
GND
Switchi ng
Circuit
ISH
VOUT
3.3V
OPA x863
250Ÿ
ADS705 6
+
±
3.3V
TLV320 1
VTH
MCU
Interrupt
Digital I/O
300V
3.3V
220pF
Figure 9-1. Low-Side Current Sensing in Power Converters
9.2.1 Design Requirements
Table 9-1. Design Requirements
PARAMETER
DESIGN REQUIREMENT
Shunt resistor
10 mΩ
Input current
15 APP
Output voltage
3 VPP
Switching frequency
50 kHz
Data acquisition
1 MSPS with 0.1% accuracy
Input voltage due to ground bounce
10 Vpk
In a difference amplifier circuit, the output voltage is given by,
8
1 =
4
(
4
)
+
5* 45* + 84'(
(2)
For lowest system noise, small values of RF and RG are preferred. The smallest value of RG is limited by the
input transient voltage (10 V here) seen by the circuit, and is given by,
www.ti.com
OPA863, OPA2863, OPA4863
SBOS982H – JUNE 2020 – REVISED AUGUST 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
25
Product Folder Links: OPA863 OPA2863 OPA4863



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com