Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPAX607 Datasheet(PDF) 22 Page - Texas Instruments

Part # OPAX607
Description  OPAx863 Low-Power, 110-MHz, Rail-to-Rail Input and Output Amplifier
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPAX607 Datasheet(HTML) 22 Page - Texas Instruments

Back Button OPAX607 Datasheet HTML 18Page - Texas Instruments OPAX607 Datasheet HTML 19Page - Texas Instruments OPAX607 Datasheet HTML 20Page - Texas Instruments OPAX607 Datasheet HTML 21Page - Texas Instruments OPAX607 Datasheet HTML 22Page - Texas Instruments OPAX607 Datasheet HTML 23Page - Texas Instruments OPAX607 Datasheet HTML 24Page - Texas Instruments OPAX607 Datasheet HTML 25Page - Texas Instruments OPAX607 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 49 page
background image
8 Detailed Description
8.1 Overview
The OPAx863 devices are low-power, 50 MHz, rail-to-rail input and output (RRIO) bipolar voltage-feedback
operational amplifiers with a voltage noise density of 5.9 nV/√Hz and 1/f noise corner at 25 Hz. The OPAx863
devices work in a wide-supply voltage range from 2.7 V to 12.6 V and consumes only 700 μA quiescent
current. The OPAx863 devices operate with 2.7 V supply, are RRIO capable, consume low-power, and offer a
power-down mode, which makes them ideal amplifiers for 3.3-V or lower voltage applications that need superior
AC performance. The amplifier's main and auxiliary input stages are matched for gain bandwidth product (GBW),
noise and offset voltage suitable for applications which require wide dynamic input range and good SNR.
The device includes an overload power limit feature which limits the increase in quiescent current with over-
driven and saturated outputs to either of the supply rails. For more details of this overload power limit feature,
see Section 8.3.2.1. The amplifier's output is protected against short-circuit fault conditions.
The OPAx863 devices feature a power-down mode (PD) with a PD quiescent current of 1.5 µA (maximum) with
a 3 V supply, with turn-on and turn-off time within less than 6.5 µs.
8.2 Functional Block Diagram
Auxiliary
NPN-
Stage
VS+
EN
Main
PNP-
Stage
VS–
EN
VS+ –1.6 V
VIN+
VIN–
VOUT
+
+
+
OPAx863
CC
–
–
–
–
Output
Short-Circuit
Protection
Overload
Power
Limiting
PD
OPA863, OPA2863, OPA4863
SBOS982H – JUNE 2020 – REVISED AUGUST 2022
www.ti.com
22
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: OPA863 OPA2863 OPA4863



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com