Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPAX607 Datasheet(PDF) 26 Page - Texas Instruments

Part # OPAX607
Description  OPAx863 Low-Power, 110-MHz, Rail-to-Rail Input and Output Amplifier
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPAX607 Datasheet(HTML) 26 Page - Texas Instruments

Back Button OPAX607 Datasheet HTML 22Page - Texas Instruments OPAX607 Datasheet HTML 23Page - Texas Instruments OPAX607 Datasheet HTML 24Page - Texas Instruments OPAX607 Datasheet HTML 25Page - Texas Instruments OPAX607 Datasheet HTML 26Page - Texas Instruments OPAX607 Datasheet HTML 27Page - Texas Instruments OPAX607 Datasheet HTML 28Page - Texas Instruments OPAX607 Datasheet HTML 29Page - Texas Instruments OPAX607 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 49 page
background image
4
)
=
8
+0
(I=T .) F
8
&
F 85
+
&
(I=T .)
(3)
Where,
• VIN(maximum) is the maximum input transient voltage seen by the circuit
• VD is the forward voltage drop of ESD diodes at the amplifier input
• ID(maximum) is the maximum current rating of the ESD diodes at the amplifier input
For a difference amplifier gain of 20 V/V, RF and RG of 12 kΩ and 600 Ω are used, respectively. With a
clock frequency of 40 MHz and ADS7056 sampling at 1 MSPS, the available acquisition time for amplifier
output settling is 550 ns. Figure 9-2 shows the simulation results for the circuit in Figure 9-1. The worst-case
peak-to-peak input transient condition is simulated. The output of the OPAx863 device settles to within 0.1%
accuracy within 543 ns. If using a slower clock frequency with the ADC is desired, then the acquisition time
reduces with the same sampling rate, which degrades measurement accuracy. Alternatively, the sampling rate
may be reduced to recover the required acquisition time and 0.1% accuracy.
Time (150 ns/div)
-2
0
-1.5
0.1
-1
0.2
-0.5
0.3
0
0.4
0.5
0.5
1
0.6
1.5
0.7
2
0.8
2.5
0.9
3
1
3.5
1.1
4
1.2
D805
VIN x 20
OPAx863 O/P
S/H Voltage
% Error
Figure 9-2. 0.1% Settling Performance
9.3 Front-End Gain and Filtering
+
±
+
±
R2
R1
RBIAS
-VBIAS
RISO
RP
VS+
VS+
VS-
VS-
C1
C2
CSH
High-Gain Band Pass Filt er
High-Speed Peak Detector
D1
D2
Figure 9-3. High-Gain Narrow Bandpass Filter and Peak Detector Circuit
Ultrasonic signaling is used for proximity and obstacle detection, level sensing, sonars, and so forth. Such signal
chains detect the amplitude of received ultrasonic signal at a particular center frequency. Figure 9-3 shows a
high-gain narrow bandpass filter and peak detector circuit using any of the OPAx863 devices. The signal at the
frequency of interest is filtered out, gained, and peak detected to report the amplitude at the output of this circuit.
The phase information is lost in this circuit. The OPAx863 devices are used with its 50-MHz GBW to add a
single-stage gain and filtering, and the peak detection capability is easily made with the RRIO capability of these
amplifiers.
OPA863, OPA2863, OPA4863
SBOS982H – JUNE 2020 – REVISED AUGUST 2022
www.ti.com
26
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: OPA863 OPA2863 OPA4863



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com