Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPAX607 Datasheet(PDF) 3 Page - Texas Instruments

Part # OPAX607
Description  OPAx863 Low-Power, 110-MHz, Rail-to-Rail Input and Output Amplifier
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPAX607 Datasheet(HTML) 3 Page - Texas Instruments

  OPAX607 Datasheet HTML 1Page - Texas Instruments OPAX607 Datasheet HTML 2Page - Texas Instruments OPAX607 Datasheet HTML 3Page - Texas Instruments OPAX607 Datasheet HTML 4Page - Texas Instruments OPAX607 Datasheet HTML 5Page - Texas Instruments OPAX607 Datasheet HTML 6Page - Texas Instruments OPAX607 Datasheet HTML 7Page - Texas Instruments OPAX607 Datasheet HTML 8Page - Texas Instruments OPAX607 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 49 page
background image
Turn-On Time to DC InputTurn-Off Time to DC Input, Power-Down Quiescent Current Distribution, and
Power-Down IQ vs Ambient Temperature figures to the Typical Characteristics: VS = 10 V section................ 13
• Updated the titles to the Frequency Response vs Supply Voltage figures in the Typical Characteristics: VS = 3
V to 10 V section...............................................................................................................................................20
• Removed the units from the Quiescent Current Distribution, Input Bias Current Distribution, and Input Offset
Voltage Distribution figures in the Typical Characteristics: VS = 3 V to 10 V section........................................20
• Removed the DGK package from the Quiescent Current vs Ambient Temperature and Input Bias Current vs
Ambient Temperature figures in the Typical Characteristics: VS = 3 V to 10 V section.................................... 20
• Updated the Common-Mode Rejection Ratio vs Frequency, Power Supply Rejection Ratio vs Frequency, and
Open-Loop Gain and Phase vs Frequency figures in the Typical Characteristics: VS = 3 V to 10 V section... 20
• Removed the Quiescent Current Distribution, Input Bias Current Distribution, Input Offset Voltage Distribution,
Input Offset Voltage Drift Distribution, Quiescent Current vs Ambient Temperature, Input Bias Current vs
Ambient Temperature, and Input Offset Voltage vs Ambient Temperature figures from the Typical
Characteristics: VS = 3 V to 10 V section..........................................................................................................20
• Updated the Overview section..........................................................................................................................22
• Updated the Input Stage section...................................................................................................................... 23
• Updated the ESD Protection section................................................................................................................ 24
• Updated the Power-Down Mode section.......................................................................................................... 24
• Removed the Split-Supply Operation (±1.35 V to ±6.3 V), Single-Supply Operation (2.7 V to 12.6 V), Amplifier
Gain Configurations, Transimpedance Amplifier, Design Requirements, Detailed Design Procedure, and
Application Curves sections..............................................................................................................................25
• Updated the Clamp-On Ultrasonic Flow Meter section.....................................................................................28
• Updated the Layout Guidelines section............................................................................................................ 29
• Updated the Thermal Considerations section...................................................................................................30
• Updated the Layout Recommendation figure title in the Layout Example section............................................30
Changes from Revision C (April 2021) to Revision D (July 2021)
Page
• Added Thermal Information for OPA4863PW to the Specifications section....................................................... 8
Changes from Revision B (April 2021) to Revision C (April 2021)
Page
• Removed A from the device name OPAx863 in the Description section............................................................ 1
• Removed A from the device name OPAx863 in the Device Comparison Table section..................................... 4
• Added power-down mode information for DBV package to the datasheet......................................................... 9
Changes from Revision A (June 2020) to Revision B (April 2021)
Page
• Updated the numbering format for tables, figures, and cross-references throughout the document..................1
• Changed the status of the data sheet from: advanced information to: production data..................................... 1
www.ti.com
OPA863, OPA2863, OPA4863
SBOS982H – JUNE 2020 – REVISED AUGUST 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: OPA863 OPA2863 OPA4863



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com