| Electronic Components Datasheet Search |
|
STA320 Datasheet(PDF) 21 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA320 Datasheet(HTML) 21 Page - STMicroelectronics |
|
21 / 37 page ![]() 21/37 STA320 5.9 Channel Configuration Registers(Addresses 0E-10h 5.9.1 ) 5.9.2 5.9.3 5.9.4 Tone Control Bypass Tone control(bass/treble) can be bypassed on a per channel basis for channels 1 and 2. CxTCB: 0 - Perform Tone Control on Channel X - normal operation 1 - Bypass Tone Control on Channel X 5.9.5 EQ Bypass EQ control can be bypassed on a per channel basis for channels 1 and 2. If EQ control is bypassed on a given channel the prescale and all filters (high-pass, biquads, de-emphasis, bass, treble in any combina- tion) are bypassed for that channel. CxEQBP: 0 - Perform EQ on Channel X - normal operation 1 - Bypass EQ on Channel X 5.9.6 Volume Bypass Each channel contains an individual channel volume bypass. If a particular channel has volume bypassed via the CxVBP = 1 register then only the channel volume setting for that particular channel affects the vol- ume setting, the master volume setting will not affect that channel. 5.9.7 Binary Output Enable Registers Each individual channel output can be set to output a binary PWM stream. In this mode output A of a channel will be considered the positive output and output B is negative inverse. CxBO: 0 - DDX tri-state output - normal operation 1 - Binary OutputLimiter Select Limiter Selection can be made on a per-channel basis according to the channel limiter select bits. D7 D6 D5 D4 D3 D2 D1 D0 C1OM1 C1OM0 C1LS1 C1LS0 C1BO C1VPB C1EQBP C1TCB 000000 00 D7 D6 D5 D4 D3 D2 D1 D0 C2OM1 C2OM0 C2LS1 C2LS0 C2BO C2VPB C2EQBP C2TCB 000000 00 D7 D6 D5 D4 D3 D2 D1 D0 C3OM1 C3OM0 C3LS1 C3LS0 C2BO C3VPB 100000 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |