Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT8708 Datasheet(PDF) 30 Page - Analog Devices

Part # LT8708
Description  Six-Phase, Synchronous Bidirectional Buck or Boost Controller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8708 Datasheet(HTML) 30 Page - Analog Devices

Back Button LT8708 Datasheet HTML 26Page - Analog Devices LT8708 Datasheet HTML 27Page - Analog Devices LT8708 Datasheet HTML 28Page - Analog Devices LT8708 Datasheet HTML 29Page - Analog Devices LT8708 Datasheet HTML 30Page - Analog Devices LT8708 Datasheet HTML 31Page - Analog Devices LT8708 Datasheet HTML 32Page - Analog Devices LT8708 Datasheet HTML 33Page - Analog Devices LT8708 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 48 page
background image
LTC7871
30
Rev. 0
For more information www.analog.com
Checking Transient Response
The regulator loop response can be checked by looking at
the load current transient response. Switching regulators
take several cycles to respond to a step in DC (resistive)
load current. When a load step occurs, VLOW shifts by an
amount equal to ∆ILOAD • ESR, where ESR is the effective
series resistance of COUT at VLOW. ∆ILOAD also begins to
charge or discharge COUT generating the feedback error sig-
nal that forces the regulator to adapt to the current change
and return VLOW to its steady-state value. During this recov-
ery time VLOW can be monitored for excessive overshoot
or ringing, which would indicate a stability problem. The
availability of the ITH pin not only allows optimization of
control loop behavior but also provides a DC-coupled and
AC-filtered closed-loop response test point. The DC step,
rise time and settling at this test point truly reflects the
closed-loop response. Assuming a predominantly second
order system, phase margin and/or damping factor can be
estimated using the percentage of overshoot seen at this
pin. The bandwidth can also be estimated by examining the
rise time at the pin. The ITH external components shown in
the Typical Application circuit will provide an adequate start-
ing point for most applications. The ITH series RC-CC filter
sets the dominant pole-zero loop compensation. The values
can be modified slightly (from 0.5 to 2 times their suggested
values) to optimize transient response once the final PC
layout is done and the particular output capacitor type and
value have been determined. The output capacitors need to
be selected because the various types and values determine
the loop gain and phase. An output current pulse of 20% to
80% of full-load current having a rise time of 1μs to 10μs
will produce output voltage and ITH pin waveforms that will
give a sense of the overall loop stability without breaking
the feedback loop. Placing a power MOSFET directly across
the output capacitor and driving the gate with an appropri-
ate signal generator is a practical way to produce a realistic
load step condition. The initial output voltage step resulting
from the step change in output current may not be within
the bandwidth of the feedback loop, so this signal cannot be
used to determine phase margin. This is why it is better to
look at the ITH pin signal which is in the feedback loop and
is the filtered and compensated control loop response. The
gain of the loop will be increased by increasing RC and the
out of the driver supply that is typically much larger
than the control circuit current. In continuous mode,
IGATECHG = f(QT + QB), where QT and QB are the gate
charges of the top and bottom MOSFETs.
3. I2R losses are predicted from the DC resistances of
the fuse (if used), MOSFETs, inductor and current
sense resistor. In continuous mode, the average output
current flows through L and RSENSE, but is chopped
between the top MOSFET and the bottom MOSFET.
If the two MOSFETs have approximately the same
RDS(ON), then the resistance of one MOSFET can sim-
ply be summed with the resistances of L and RSENSE to
obtain I2R losses. For example, if each RDS(ON) = 10mΩ,
RL = 10mΩ, RSENSE = 5mΩ, then the total resistance
is 25mΩ. This results in losses ranging from 0.6% to
3% as the output current increases from 3A to 15A for
a 12V output in buck mode.
Efficiency varies as the inverse square of VLOW for the
same external components and output power level. The
combined effects of increasingly lower output voltages
and higher currents required by high performance digi-
tal systems is not doubling but quadrupling the impor-
tance of loss terms in the switching regulator system!
4. Transition losses apply only to the top MOSFET(s), and
become significant only when operating at high VHIGH
voltages (typically 15V or greater). Transition losses
can be estimated from:
Transition Loss = (1.7) VHIGH2 • IO(MAX) • CRSS • f
IO(MAX) = Maximum Load on VLOW
Other hidden losses such as copper trace and internal
battery resistances can account for an additional 5% to
10% efficiency degradation in portable systems. It is very
important to include these system level losses during the
design phase. The internal battery and fuse resistance
losses can be minimized by making sure that CHIGH has
adequate charge storage and very low ESR at the switch-
ing frequency. Other losses including Schottky conduc-
tion losses during dead time and inductor core losses
generally account for less than 2% total additional loss.
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com