Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT8708 Datasheet(PDF) 19 Page - Analog Devices

Part # LT8708
Description  Six-Phase, Synchronous Bidirectional Buck or Boost Controller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8708 Datasheet(HTML) 19 Page - Analog Devices

Back Button LT8708 Datasheet HTML 15Page - Analog Devices LT8708 Datasheet HTML 16Page - Analog Devices LT8708 Datasheet HTML 17Page - Analog Devices LT8708 Datasheet HTML 18Page - Analog Devices LT8708 Datasheet HTML 19Page - Analog Devices LT8708 Datasheet HTML 20Page - Analog Devices LT8708 Datasheet HTML 21Page - Analog Devices LT8708 Datasheet HTML 22Page - Analog Devices LT8708 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 48 page
background image
LTC7871
19
Rev. 0
For more information www.analog.com
The LTC7871’s PWMEN pin is used to communicate the
controller’s status with the external MOSFET drivers or
other LTC7871s. When the LTC7871 releases the PWMEN
pin but finds it is still pulled down externally, the LTC7871
will keep all the PWM pins in Hi-Z status.
Multiphase Operation
For output loads that demand high current, multiple
LTC7871s can be daisy chained to run out of phase to
provide more output current without increasing input and
output voltage ripple. The SYNC pin allows the LTC7871
to synchronize to the CLKOUT signal of another LTC7871.
The CLKOUT signal can be connected to the SYNC pin of
the following LTC7871 stage to line up both the frequency
and the phase of the entire system. When paralleling mul-
tiple ICs, please be aware of the input impedance of pins
connected to the same node.
Thermal Shutdown
The LTC7871 has a temperature sensor integrated on
the IC, to sense the die temperature. When the die tem-
perature exceeds 180°C, all switching actions stop, and
all PWM pins become Hi-Z, thus turning off all external
MOSFETs. At the same time, all the channels are discon-
nected from the IMON pins, and the SS and ITHHIGH/
ITHLOW pins continue to function normally, so as not to
interfere with other LTC7871 chips that may reference the
common pins. When the temperature drops 15°C below
the trip threshold, normal operation resumes.
Overcurrent Fault Monitor (OCFT and NOCFT)
Besides the peak/valley current comparator and the maxi-
mum average current regulation loops, the LTC7871 has
an additional overcurrent fault comparator to monitor the
voltage difference between the SNSD+ and SNS– pins.
If one channel’s (VSNSD+ – VSNS–) is larger than over-
current fault threshold (OCFT) or less than the nega-
tive overcurrent threshold (NOCFT) as shown in the
Table 4, all six channels stop switching and all PWM pins
are Hi-Z. The OCFT and NOCFT status can be obtained
through the SPI interface by the MFR_OC_FAULT and
MFR_NOC_FAULT registers.
Table 4. OCFT and NOCFT Threshold
(VSNSD+ – VSNS–)
ILIM Pin
Voltage
OCFT
Threshold
NOCFT
Threshold
Hysteresis
0V
37.5mV
–37.5mV
25mV
1/4 VV5
50mV
–50mV
31mV
Float
62.5mV
–62.5mV
31mV
3/4 VV5
75mV
–75mV
31mV
VV5
87.5mV
–87.5mV
31mV
PWM and PWMEN Pins
The PWM pins are three-state compatible outputs,
designed to drive power stages such as power blocks,
DrMOS, and drivers with MOSFETs, none of which repre-
sents a heavy capacitive load. An external resistor divider
may be used to set the PWM voltage to mid-rail while the
PWM is in the high impedance state.
The PWMEN pin is an open-drain output pin. It should
be pulled up by an external resistor to V5 when the
controller starts switching. During any fault status, the
LTC7871 pulls down the PWMEN pin to disable the exter-
nal MOSFET driver.
OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com