Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT8708 Datasheet(PDF) 14 Page - Analog Devices

Part # LT8708
Description  Six-Phase, Synchronous Bidirectional Buck or Boost Controller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8708 Datasheet(HTML) 14 Page - Analog Devices

Back Button LT8708 Datasheet HTML 10Page - Analog Devices LT8708 Datasheet HTML 11Page - Analog Devices LT8708 Datasheet HTML 12Page - Analog Devices LT8708 Datasheet HTML 13Page - Analog Devices LT8708 Datasheet HTML 14Page - Analog Devices LT8708 Datasheet HTML 15Page - Analog Devices LT8708 Datasheet HTML 16Page - Analog Devices LT8708 Datasheet HTML 17Page - Analog Devices LT8708 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 48 page
background image
LTC7871
14
Rev. 0
For more information www.analog.com
pin to be used to program a soft-start by connecting an
external capacitor from the SS pin to SGND. An internal
1μA pull-up current charges this capacitor, creating a volt-
age ramp on the SS pin. As the SS voltage rises linearly
from 0V to 1.2V (and beyond), the VLOW voltage rises
smoothly from zero to its final value. When the RUN pin
is pulled low to disable the controller, or when V5 drops
below its undervoltage lockout threshold, the SS pin is
pulled low by an internal MOSFET. When in undervolt-
age lockout, the controller is disabled and the external
MOSFETs are held off. External circuitry can be added to
discharge the soft-start capacitor during fault conditions
to ensure a soft-start when the faults are cleared.
Frequency Selection, Spread Spectrum, and Phase-
Locked Loop (FREQ and SYNC Pins)
The selection of switching frequency is a trade-off between
efficiency and component size. Low frequency opera-
tion increases efficiency by reducing MOSFET switching
losses, but requires larger inductance and/or capacitance
to maintain low output ripple voltage.
If the SYNC pin is tied to SGND, the FREQ pin can be
used to program the controller’s operating frequency
from 67kHz to 725kHz. There is a precision 20μA current
flowing out of the FREQ pin so that the user can program
the controller’s switching frequency with a single resis-
tor to SGND. A curve is provided later in the Applications
Information section showing the relationship between
the voltage on the FREQ pin and switching frequency
(Figure 7).
Switching regulators can be particularly troublesome for
applications when electromagnetic interface (EMI) is a
concern. To improve EMI, the LTC7871 can operate in
spread spectrum mode, which is enabled by tying the
SYNC pin to V5. This feature varies the switching fre-
quency at low frequency rate (switching frequency/512,
by default) with a triangular frequency modulation of
±12%. For example, if the LTC7871’s frequency is pro-
grammed to switch at 200kHz, enabling spread spectrum
will modulate the frequency between 176kHz and 224kHz
at a 0.4kHz rate. These spread spectrum parameters are
programmed by the MFR_SSFM register.
Soft-Start (Buck Mode)
By default, the start-up of the VLOW voltage is normally
controlled by an internal soft-start ramp. The internal soft-
start ramp represents a noninverting input to the error
amplifier. The VFBLOW pin is regulated to the lowest of the
error amplifier’s three noninverting inputs (the internal
soft-start ramp, the SS pin or the internal 1.2V reference).
As the ramp voltage rises from 0V to 1.2V over approxi-
mately 1ms, the VLOW voltage rises smoothly from its
prebiased value to its final set value. Certain applications
can require the start-up of the converter into a non-zero
load voltage, where residual charge is stored on the VLOW
capacitor at the onset of converter switching. In order to
prevent the VLOW from discharging under these condi-
tions, the top and bottom MOSFETs are disabled until
soft-start is greater than VFBLOW.
Soft-Start (Boost Mode)
The same internal soft-start capacitor and external soft-
start capacitor are also active if the controller starts with
boost mode of operation. The error amplifier for boost
mode also tries to regulate to the lowest reference during
start-up. However, the topology of the boost converter
limits the effectiveness of this soft-start mechanism until
the boost output voltage reaches its input voltage level.
Therefore, it is recommended that the controller starts in
buck mode of operation.
Shutdown and Start-Up (RUN and SS Pins)
The LTC7871 can be shut down using the RUN pin.
Pulling the RUN pin below 1.22V shuts down the main
control loop for the controller and most internal circuits,
including the DRVCC and V5 regulators. Releasing the
RUN pin allows an internal 2μA current to pull up the
pin and enable the controller. Alternatively, the RUN pin
may be externally pulled up or driven directly by logic. Be
careful not to exceed the absolute maximum rating of 6V
on this pin. The start-up of the controller’s VLOW voltage
is controlled by the voltage on the SS pin. When the volt-
age on the SS pin is less than the 1.2V internal reference,
the LTC7871 regulates the VFBLOW voltage to the SS pin
voltage instead of the 1.2V reference. This allows the SS
OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com