Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT8708 Datasheet(PDF) 44 Page - Analog Devices

Part # LT8708
Description  Six-Phase, Synchronous Bidirectional Buck or Boost Controller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8708 Datasheet(HTML) 44 Page - Analog Devices

Back Button LT8708 Datasheet HTML 40Page - Analog Devices LT8708 Datasheet HTML 41Page - Analog Devices LT8708 Datasheet HTML 42Page - Analog Devices LT8708 Datasheet HTML 43Page - Analog Devices LT8708 Datasheet HTML 44Page - Analog Devices LT8708 Datasheet HTML 45Page - Analog Devices LT8708 Datasheet HTML 46Page - Analog Devices LT8708 Datasheet HTML 47Page - Analog Devices LT8708 Datasheet HTML 48Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 44 / 48 page
background image
LTC7871
44
Rev. 0
For more information www.analog.com
(30A/phase), and f = 150kHz. The regulated output voltage
is determined by:
VLOW = 1.2V • (1 + RB/RA).
Using a 10k 1% resistor from the VFBLOW node to ground,
the top feedback resistor is (to the nearest 1% standard
value) 90.9k. The frequency is set by selecting the RFREQ
to be 37.4kΩ. The inductance values are based on a 35%
maximum ripple current assumption (10.5A for each
phase). The highest value of ripple current occurs at the
maximum VHIGH voltage:
L
=
VLOW
f • ∆IL MAX
(
)
• 1–
VLOW
VHIGH MAX
(
)
⎛
⎝⎜
⎞
⎠⎟
Each phase will require 6.1μH. The Sagami CVE2622H-
6R8M, 6.8μH, 1.8mΩ DCR inductor is chosen. At the
nominal VHIGH voltage (48V), the ripple current will be:
∆IL NOM
(
) =
VLOW
f •L
• 1–
VLOW
VHIGH NOM
(
)
⎛
⎝⎜
⎞
⎠⎟
Each phase will have 8.8A (29.3%) ripple. The peak induc-
tor current will be the maximum DC value plus one-half the
ripple current, or 34.4A. The minimum on-time occurs at
the maximum VHIGH, and should not be less than 150ns:
TON MIN
(
) =
VLOW
VHIGH MAX
(
) • f
=
12V
60V •150kHz
= 1.33µs
With VILIM = 3/4 VV5, the equivalent RSENSE resistor value
can be calculated by using the minimum value for the
maximum current sense threshold (45mV):
RSENSE EQUIV
(
) =
VSENSE MIN
(
)
ILOAD MAX
(
)
#OF PHASES
+
∆IL NOM
(
)
2
The equivalent required RSENSE value is 1.31mΩ. Choose
RS = 1mΩ to allow some design margin. As shown in
Figure 17, set R2 to be below 1/10th of the R1. Therefore,
the DC component of the SNSA+ filter is small enough to
be omitted. R1 • C1 should have a bandwidth that is four
times as high as the L/RS.
Special Layout Consideration
Exceeding Absolute Max ratings on the EXTVCC pin can
result in damage to the controller. As the EXTVCC pin is
normally connected to VLOW, it is recommended to put
a Schottky diode with an appropriately high voltage rat-
ing between the VLOW and the EXTVCC pins as shown in
Figure 16(a). Choose the right Schottky diode with the
forward voltage less than 0.5V at the maximum EXTVCC
pin current.
Another method to protect on the EXTVCC pin is to use a
Schottky diode to clamp the EXTVCC pin to reduce volt-
age spiking below ground. The Schottky diode should be
placed close to the controller IC, with the cathode con-
nected to the EXTVCC pin and the anode connected to
ground as shown in the Figure 16(b). Choose a minimum
1Ω RFLTR and keep the maximum voltage drop across the
RFLTR less than 0.5V.
Figure 16.
LTC7871
RFLTR
1 F
VLOW
EXTVCC
(a)
LTC7871
VLOW
EXTVCC
1 F
(b)
7871 F16
Methods to Protect the EXTVCC Pin
Design Example
As a design example for a six-phase single output
high current regulator, assume VHIGH = 48V (nominal),
VHIGH = 60V (maximum), VLOW = 12V, IVLOW(MAX) = 180A
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com