Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT8708 Datasheet(PDF) 32 Page - Analog Devices

Part # LT8708
Description  Six-Phase, Synchronous Bidirectional Buck or Boost Controller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8708 Datasheet(HTML) 32 Page - Analog Devices

Back Button LT8708 Datasheet HTML 28Page - Analog Devices LT8708 Datasheet HTML 29Page - Analog Devices LT8708 Datasheet HTML 30Page - Analog Devices LT8708 Datasheet HTML 31Page - Analog Devices LT8708 Datasheet HTML 32Page - Analog Devices LT8708 Datasheet HTML 33Page - Analog Devices LT8708 Datasheet HTML 34Page - Analog Devices LT8708 Datasheet HTML 35Page - Analog Devices LT8708 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 48 page
background image
LTC7871
32
Rev. 0
For more information www.analog.com
to the part. The second byte, is data from/to the specified
register address. The third byte, is the PEC (packet error
code) byte. See Figure 11 for an example of a detailed
write sequence, and Figure 12 for a read sequence. All
bytes shift with MSB first.
Figure 13 shows an example of two write communica-
tion bursts. The first byte of the first burst sent from the
Single Byte Transfers
The serial port is arranged as a simple memory map, with
status and control available in 5 read/write and 6 read only
byte-wide registers. All data bursts are comprised of at
least three bytes. The 7 most significant bits (MSB) of the
first byte are the register address, with an LSB of 1 indi-
cating a read from the part, and LSB of 0 indicating a write
APPLICATIONS INFORMATION
Figure 11.
MASTER-SCLK
MASTER-CSB
MASTER-SDI
A6 A5 A4 A3 A2 A1 A0 0
7-BIT REGISTER ADDRESS
0 = WRITE
D7 D6 D5 D4 D3 D2 D1 D0
8 BITS OF DATA
P7 P6 P5 P4 P3 P2 P1 P0
8 BITS OF PEC
PARALLEL LOAD
24 CLOCKS
LTC7871-SDO
7871 F11
Serial Port Write Sequence
Figure 12.
MASTER-SCLK
MASTER-CSB
MASTER-SDI
7-BIT REGISTER ADDRESS
1 = READ
8 BITS OF DATA
8 BITS OF PEC
24 CLOCKS
LTC7871-SDO
7871 F12
A6 A5 A4 A3 A2 A1 A0 1
D7 D6 D5 D4 D3 D2 D1 D0 P7 P6 P5 P4 P3 P2 P1 P0
X
Serial Port Read Sequence
Figure 13.
MASTER–CSB
MASTER–SDI
LTC7871–SDO
7871 F13
PEC0
PEC1
DATA0
DATA1
ADDR0+WR
ADDR1+WR
Two Write Communication Bursts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com