Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT8708 Datasheet(PDF) 9 Page - Analog Devices

Part # LT8708
Description  Six-Phase, Synchronous Bidirectional Buck or Boost Controller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8708 Datasheet(HTML) 9 Page - Analog Devices

Back Button LT8708 Datasheet HTML 5Page - Analog Devices LT8708 Datasheet HTML 6Page - Analog Devices LT8708 Datasheet HTML 7Page - Analog Devices LT8708 Datasheet HTML 8Page - Analog Devices LT8708 Datasheet HTML 9Page - Analog Devices LT8708 Datasheet HTML 10Page - Analog Devices LT8708 Datasheet HTML 11Page - Analog Devices LT8708 Datasheet HTML 12Page - Analog Devices LT8708 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
LTC7871
9
Rev. 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
Quiescent Current vs Temperature
Shutdown Current vs Temperature
FREQ Pin Source Current
vs Temperature
SETCUR Pin Source Current
vs Temperature
Current Sense Threshold
vs ITH Voltage (DCR)
Maximum Current Sense
Threshold vs Feedback Voltage—
BUCK (DCR)
Current Sense Threshold
vs ITH Voltage—(RSENSE)
Maximum Current Sense
Threshold vs Feedback Voltage—
BUCK (RSENSE)
Overcurrent Fault Threshold
vs Temperature
TA = 25°C, unless otherwise noted.
VHIGH = 48V
TEMPERATURE (°C)
–45 –20
5
30
55
80 105 130 155
7.0
8.0
9.0
10.0
11.0
12.0
13.0
Quiescent Current vs Temperature
7871 G10
VHIGH = 48V
TEMPERATURE (°C)
–45 –20
5
30
55
80 105 130 155
20.0
30.0
40.0
50.0
60.0
Shutdown Current vs Temperature
7871 G11
TEMPERATURE (°C)
–45 –20
5
30
55
80 105 130 155
18.5
19.0
19.5
20.0
20.5
21.0
21.5
vs Temperature
7871 G12
TEMPERATURE (°C)
–45 –20
5
30
55
80 105 130 155
15.0
15.2
15.4
15.6
15.8
16.0
16.2
16.4
16.6
16.8
17.0
vs Temperature
7871 G13
GND
1/4 V5
FLOAT
3/4 V5
V5
ITH VOLTAGE (V)
0
0.5
1
1.5
2
–50
–40
–30
–20
–10
0
10
20
30
40
50
7871 G14
GND
1/4 V5
FLOAT
3/4 V5
V5
FEEDBACK VOLTAGE (V)
0
0.2
0.4
0.6
0.8
1.0
1.2
0
10
20
30
40
50
60
70
BUCK (DCR)
7871 G15
GND
1/4 V5
FLOAT
3/4 V5
V5
ITH VOLTAGE (V)
0
0.5
1
1.5
2
–70
–50
–30
–10
10
30
50
70
vs ITH Voltage (RSENSE)
7871 G16
GND
1/4 V5
FLOAT
3/4 V5
V5
FEEDBACK VOLTAGE (V)
0
0.2
0.4
0.6
0.8
1.0
1.2
0
10
20
30
40
50
60
70
80
SENSE
7871 G17
GND
1/4 V5
FLOAT
3/4 V5
V5
TEMPERATURE (°C)
–45 –20
5
30
55
80 105 130 155
0
20
40
60
80
100
Temperature
7871 G18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com