Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FS32K114BUTXMLLTR Datasheet(PDF) 94 Page - NXP Semiconductors

Part # FS32K114BUTXMLLTR
Description  Low-power Arm Cortex-M4F/M0 core with excellent energy efficiency
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS32K114BUTXMLLTR Datasheet(HTML) 94 Page - NXP Semiconductors

Back Button FS32K114BUTXMLLTR Datasheet HTML 90Page - NXP Semiconductors FS32K114BUTXMLLTR Datasheet HTML 91Page - NXP Semiconductors FS32K114BUTXMLLTR Datasheet HTML 92Page - NXP Semiconductors FS32K114BUTXMLLTR Datasheet HTML 93Page - NXP Semiconductors FS32K114BUTXMLLTR Datasheet HTML 94Page - NXP Semiconductors FS32K114BUTXMLLTR Datasheet HTML 95Page - NXP Semiconductors FS32K114BUTXMLLTR Datasheet HTML 96Page - NXP Semiconductors FS32K114BUTXMLLTR Datasheet HTML 97Page - NXP Semiconductors FS32K114BUTXMLLTR Datasheet HTML 98Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 100 page
background image
Table 57. Revision History (continued)
Rev. No.
Date
Substantial Changes
• Updated note 'All the limits defined ... '
• Updated parameter 'IINJPAD_DC_ABS', 'VIN_DC', IINJSUM_DC_ABS.
• In Table 3,
• Updated parameter IINJPAD_DC_OP and IINJSUM_DC_OP.
• In Table 8, updated TBDs for VLVR_HYST, VLVD_HYST, and VLVW_HYST
• In Power mode transition operating behaviors,
• Added VLPR → VLPS
• Added VLPS → VLPR
• Updated TBDs for VLPS → Asynchronous DMA Wakeup, STOP1 →
Asynchronous DMA Wakeup, and STOP2 → Asynchronous DMA
Wakeup
• In Table 13, updated the specifications for S32K144.
• Updated the attachment S32K1xx_Power_Modes _Configuration.xlsx.
• In Table 25, removed CIN_A.
• In Table 27,
• Updated specificatins for gmXOSC.
• Removed IDDOSC
• In Table 29,
• Added parameter
ΔF125.
• Removed IDDFIRC
• In Table 31,
• Added parameter
ΔF125.
• Removed IDDSIRC
• In Table 33, removed ILPO
• Updated section: Flash memory module (FTFC/FTFM) electrical
specifications
• In section: 12-bit ADC operating conditions,
• Updated TBDs for IDDA_ADC and TUE in Table 41
• Updated TBDs for IDDA_ADC and TUE in Table 42
• In section: QuadSPI AC specifications, updated figure 'QuadSPI output
timing (HyperRAM mode) diagram'.
• In section: 12-bit ADC operating conditions, updated Table 40.
• In section: CMP with 8-bit DAC electrical specifications, added note 'For
comparator IN signals adjacent ... '
• In table: Table 46, minor update in footnote 6.
• In table: Table 55, updated specifications for S32K146.
5
06 Dec 2017
• Removed S32K148 from 'Caution'
• Updated figure: S32K1xx product series comparison for
• 'EEPROM emulated by FlexRAM' of S32K148 (Added content to
footnote)
• Added support for LIN protocol version 2.2 A
• In Absolute maximum ratings :
• Added note 'Unless otherwise ... '
• Added parameter 'Added note 'Tramp_MCU'
• Updated footnote for 'Tramp'
• In Voltage and current operating requirements :
• Added footnote 'VDD and VDDA must be shorted ... ' against parameter
'VDD– VDDA'
• Updated footnote 'VDD and VDDA must be shorted ...'
• In Power and ground pins
• Added diagrams for 32-QFN and 48-LQFP and footnote below the
diagrams.
• Updated footnote 'VDD and VDDA must be shorted ...'
• In Power mode transition operating behaviors :
Table continues on the next page...
Revision History
S32K1xx Data Sheet, Rev. 12, 02/2020
94
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com