Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FS32K114BUTXMLLTR Datasheet(PDF) 77 Page - NXP Semiconductors

Part # FS32K114BUTXMLLTR
Description  Low-power Arm Cortex-M4F/M0 core with excellent energy efficiency
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS32K114BUTXMLLTR Datasheet(HTML) 77 Page - NXP Semiconductors

Back Button FS32K114BUTXMLLTR Datasheet HTML 73Page - NXP Semiconductors FS32K114BUTXMLLTR Datasheet HTML 74Page - NXP Semiconductors FS32K114BUTXMLLTR Datasheet HTML 75Page - NXP Semiconductors FS32K114BUTXMLLTR Datasheet HTML 76Page - NXP Semiconductors FS32K114BUTXMLLTR Datasheet HTML 77Page - NXP Semiconductors FS32K114BUTXMLLTR Datasheet HTML 78Page - NXP Semiconductors FS32K114BUTXMLLTR Datasheet HTML 79Page - NXP Semiconductors FS32K114BUTXMLLTR Datasheet HTML 80Page - NXP Semiconductors FS32K114BUTXMLLTR Datasheet HTML 81Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 100 page
background image
Table 51. MDIO timing specifications (continued)
Symbol
Description
Min.
Max.
Unit
MDC1
MDC pulse width high
40%
60%
MDC period
MDC2
MDC pulse width low
40%
60%
MDC period
MDC3
MDIO (input) to MDC rising edge setup
25
—
ns
MDC4
MDIO (input) to MDC rising edge hold
0
—
ns
MDC5
MDC falling edge to MDIO output valid
(maximum propagation delay)
—
25
ns
MDC6
MDC falling edge to MDIO output invalid
(minimum propagation delay)
-10
—
ns
MDC (output)
MDIO (output)
MDIO (input)
MDC6
MDC5
MDC3
MDC4
MDC1
MDC2
Figure 29. MII/RMII serial management channel timing diagram
6.5.7 Clockout frequency
Maximum supported clock out frequency for this device is 20 MHz
Debug modules
6.6.1 SWD electrical specofications
6.6
Debug modules
S32K1xx Data Sheet, Rev. 12, 02/2020
NXP Semiconductors
77



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com