Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FS32K114BUTXMLLTR Datasheet(PDF) 73 Page - NXP Semiconductors

Part # FS32K114BUTXMLLTR
Description  Low-power Arm Cortex-M4F/M0 core with excellent energy efficiency
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS32K114BUTXMLLTR Datasheet(HTML) 73 Page - NXP Semiconductors

Back Button FS32K114BUTXMLLTR Datasheet HTML 69Page - NXP Semiconductors FS32K114BUTXMLLTR Datasheet HTML 70Page - NXP Semiconductors FS32K114BUTXMLLTR Datasheet HTML 71Page - NXP Semiconductors FS32K114BUTXMLLTR Datasheet HTML 72Page - NXP Semiconductors FS32K114BUTXMLLTR Datasheet HTML 73Page - NXP Semiconductors FS32K114BUTXMLLTR Datasheet HTML 74Page - NXP Semiconductors FS32K114BUTXMLLTR Datasheet HTML 75Page - NXP Semiconductors FS32K114BUTXMLLTR Datasheet HTML 76Page - NXP Semiconductors FS32K114BUTXMLLTR Datasheet HTML 77Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 100 page
background image
S1
S2
S2
S3
S4
S4
S11
S9
S7
S5
S6
S7
S8
S12
S10
S8
SAI_MCLK (output)
SAI_BCLK (output)
SAI_FS (output)
SAI_FS (input)
SAI_TXD
SAI_RXD
Figure 23. SAI Timing — Master modes
Table 48. Slave mode timing specifications
Symbol
Description
Min.
Max.
Unit
—
Operating voltage
2.97
3.6
V
S13
SAI_BCLK cycle time (input)
80
—
ns
S141
SAI_BCLK pulse width high/low
(input)
45%
55%
BCLK period
S15
SAI_RXD input setup before
SAI_BCLK
8
—
ns
S16
SAI_RXD input hold after
SAI_BCLK
2
—
ns
S17
SAI_BCLK to SAI_TXD output
valid
—
28
ns
S18
SAI_BCLK to SAI_TXD output
invalid
0
—
ns
S19
SAI_FS input setup before
SAI_BCLK
8
—
ns
S20
SAI_FS input hold after SAI_BCLK
2
—
ns
S21
SAI_BCLK to SAI_FS output valid
—
28
ns
S22
SAI_BCLK to SAI_FS output
invalid
0
—
ns
1. The slave mode parameters (S15 - S22) assume 50% duty cycle on SAI_BCLK input. Any change in SAI_BCLK duty cycle
input must be taken care during the board design or by the master timing.
Communication modules
S32K1xx Data Sheet, Rev. 12, 02/2020
NXP Semiconductors
73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com