Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FS32K114BUTXMLLTR Datasheet(PDF) 45 Page - NXP Semiconductors

Part # FS32K114BUTXMLLTR
Description  Low-power Arm Cortex-M4F/M0 core with excellent energy efficiency
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS32K114BUTXMLLTR Datasheet(HTML) 45 Page - NXP Semiconductors

Back Button FS32K114BUTXMLLTR Datasheet HTML 41Page - NXP Semiconductors FS32K114BUTXMLLTR Datasheet HTML 42Page - NXP Semiconductors FS32K114BUTXMLLTR Datasheet HTML 43Page - NXP Semiconductors FS32K114BUTXMLLTR Datasheet HTML 44Page - NXP Semiconductors FS32K114BUTXMLLTR Datasheet HTML 45Page - NXP Semiconductors FS32K114BUTXMLLTR Datasheet HTML 46Page - NXP Semiconductors FS32K114BUTXMLLTR Datasheet HTML 47Page - NXP Semiconductors FS32K114BUTXMLLTR Datasheet HTML 48Page - NXP Semiconductors FS32K114BUTXMLLTR Datasheet HTML 49Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 100 page
background image
Table 35. Flash command timing specifications for S32K14x series (continued)
Symbol
Description1
S32K142
S32K144
S32K146
S32K148
Typ
Max
Typ
Max
Typ
Max
Typ
Max
Unit Notes
write complete,
ready for next
32-bit write)
Last (Nth)
32-bit write
(time for
write only,
not cleanup)
200
550
200
550
200
550
200
550
tquickwrClnup Quick Write
Cleanup
execution time
—
—
(# of
Quick
Writes
) * 2.0
—
(# of
Quick
Writes )
* 2.0
—
(# of
Quick
Writes
) * 2.0
—
(# of
Quick
Writes
) * 2.0
ms
7
1. All command times assumes 25 MHz or greater flash clock frequency (for synchronization time between internal/external
clocks).
2. Maximum times for erase parameters based on expectations at cycling end-of-life.
3. For all EEPROM Emulation terms, the specified timing shown assumes previous record cleanup has occurred. This may
be verified by executing FCCOB Command 0x77, and checking FCCOB number 5 contents show 0x00 - No EEPROM
issues detected.
4. 1st time EERAM writes after a Reset or SETRAM may incur additional overhead for EEE cleanup, resulting in up to 2× the
times shown.
5. Only after the Nth write completes will any data be valid. Emulated EEPROM record scheme cleanup overhead may occur
after this point even after a brownout or reset. If power on reset occurs before the Nth write completes, the last valid record
set will still be valid and the new records will be discarded.
6. Quick Write times may take up to 550 µs, as additional cleanup may occur when crossing sector boundaries.
7. Time for emulated EEPROM record scheme overhead cleanup. Automatically done after last (Nth) write completes,
assuming still powered. Or via SETRAM cleanup execution command is requested at a later point.
Table 36. Flash command timing specifications for S32K14xW series
S32K142W
S32K144W
Symbol
Description-1
Typ
Max
Typ
Max
Unit
Notes
trd1blk
Read 1 Block
execution time
64 KB flash
—
0.5
—
0.5
ms
256 KB flash
—
2.5
—
—
512 KB flash
—
—
—
2.5
trd1sec
Read 1 Section
execution time
2 KB flash
—
95
—
95
µs
4 KB flash
—
125
—
125
tpgmchk
Program Check
execution time
—
—
125
—
125
µs
tpgm8
Program Phrase
execution time
—
100
250
100
250
µs
tersblk
Erase Flash Block
execution time
64 KB flash
35
610
35
610
ms
-1
256 KB flash
140
2340
—
—
512 KB flash
—
—
280
4675
tersscr
Erase Flash Sector
execution time
—
15
150
15
150
ms
-1
tpgmsec
Program Section
execution time
1 KB flash
5.5
—
5.5
—
ms
trd1all
Read 1s All Block
execution time
—
—
3.5
—
4.5
ms
Table continues on the next page...
Memory and memory interfaces
S32K1xx Data Sheet, Rev. 12, 02/2020
NXP Semiconductors
45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com