Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FS32K114BUTXMLLTR Datasheet(PDF) 23 Page - NXP Semiconductors

Part # FS32K114BUTXMLLTR
Description  Low-power Arm Cortex-M4F/M0 core with excellent energy efficiency
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS32K114BUTXMLLTR Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button FS32K114BUTXMLLTR Datasheet HTML 19Page - NXP Semiconductors FS32K114BUTXMLLTR Datasheet HTML 20Page - NXP Semiconductors FS32K114BUTXMLLTR Datasheet HTML 21Page - NXP Semiconductors FS32K114BUTXMLLTR Datasheet HTML 22Page - NXP Semiconductors FS32K114BUTXMLLTR Datasheet HTML 23Page - NXP Semiconductors FS32K114BUTXMLLTR Datasheet HTML 24Page - NXP Semiconductors FS32K114BUTXMLLTR Datasheet HTML 25Page - NXP Semiconductors FS32K114BUTXMLLTR Datasheet HTML 26Page - NXP Semiconductors FS32K114BUTXMLLTR Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 100 page
background image
Table 13. Power consumption (Typicals unless stated otherwise) 1 (continued)
VLPS (μA) 2
VLPR (mA)
STOP1
(mA)
STOP2
(mA)
RUN@48
MHz (mA)
RUN@64 MHz
(mA)
RUN@80 MHz
(mA)
HSRUN@112
MHz (mA) 3
Max
TBD
TBD
TBD
TBD
NA
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
NA
TBD
150
Typ
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
TBD
NA
NA
NA
Max
TBD
TBD
TBD
8
NA
TBD
TBD
TBD
TBD
TBD
TBD
TBD
70
NA
TBD
S32K146
25
Typ
37
47
1.57
1.61
3.3
8
9.2
23.4
31.4
30.5
40.2
36.2
47.6
52
68.3
452
85
Typ
207
209
1.79
1.83
3.54
8.9
10.1
24.4
32.4
31.5
41.3
37.2
48.7
53.3
69.8
465
Max
974
981
3.32
3.38
NA
12.7
13.9
29.3
37.9
36.7
47
42.4
54.4
60.3
78
530
105
Typ
419
422
1.99
2.04
3.78
9.8
11
25.3
33.4
32.5
42.2
38.1
49.6
54.4
70.8
477
Max
2004
2017
4.06
4.13
NA
17.1
18.3
34.1
42.6
41.3
51.4
46.9
58.8
65.7
82.8
587
125
Typ
NA
NA
NA
NA
4.44
NA
NA
NA
NA
NA
NA
NA
NA
NA
NA
Max
3358
3380
5.28
5.38
NA
22.6
23.7
40.2
48.8
47.3
57.4
52.8
64.8
NA
660
S32K1488
25
Typ
38
54
2.17
2.20
3.45
8.5
9.6
27.6
34.9
35.5
45.3
42.1
57.7
60.3
83.3
526
85
Typ
336
357
2.30
2.35
3.74
10.1
11.1
29.1
37.0
36.8
46.6
43.4
59.9
62.9
88.7
543
Max
1660
1736
3.48
3.55
NA
14.5
15.6
34.8
43.6
41.9
53.9
48.7
65.1
70.4
96.1
609
105
Typ
560
577
2.49
2.54
4.03
10.9
11.9
29.8
37.8
37.6
47.5
45.2
61.5
63.8
89.1
565
Max
2945
2970
4.40
4.47
NA
18.0
19.0
38.4
46.8
44.9
55.3
51.6
66.8
73.6
97.4
645
125
Typ
NA
NA
NA
NA
4.85
NA
NA
NA
NA
NA
NA
NA
NA
NA
NA
Max
3990
4166
6.00
6.08
NA
23.4
24.5
44.3
52.5
50.9
61.3
57.5
71.6
NA
719



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com