Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FS32K114BUTXMLLTR Datasheet(PDF) 86 Page - NXP Semiconductors

Part # FS32K114BUTXMLLTR
Description  Low-power Arm Cortex-M4F/M0 core with excellent energy efficiency
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS32K114BUTXMLLTR Datasheet(HTML) 86 Page - NXP Semiconductors

Back Button FS32K114BUTXMLLTR Datasheet HTML 82Page - NXP Semiconductors FS32K114BUTXMLLTR Datasheet HTML 83Page - NXP Semiconductors FS32K114BUTXMLLTR Datasheet HTML 84Page - NXP Semiconductors FS32K114BUTXMLLTR Datasheet HTML 85Page - NXP Semiconductors FS32K114BUTXMLLTR Datasheet HTML 86Page - NXP Semiconductors FS32K114BUTXMLLTR Datasheet HTML 87Page - NXP Semiconductors FS32K114BUTXMLLTR Datasheet HTML 88Page - NXP Semiconductors FS32K114BUTXMLLTR Datasheet HTML 89Page - NXP Semiconductors FS32K114BUTXMLLTR Datasheet HTML 90Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 100 page
background image
Table 55. Thermal characteristics for 32-pin QFN and 48/64/100/144/176-pin LQFP package
(continued)
Rating
Conditions
Symbol
Package
Values (in °C/W)
S32K116 S32K118 S32K142
S32K142
W
S32K144
S32K144
W
S32K146 S32K148
100
NA
NA
35
NA
35
NA
34
30
144
NA
NA
NA
NA
NA
NA
37
31
176
NA
NA
NA
NA
NA
NA
NA
30
Thermal resistance, Junction to
Ambient (@200 ft/min)1, 3
Four layer
board
(2s2p)
RθJMA
32
26
NA
NA
NA
NA
NA
NA
NA
48
48
41
40
39
39
39
NA
NA
64
NA
37
36
36
36
36
35
NA
100
NA
NA
34
NA
34
NA
33
28
144
NA
NA
NA
NA
NA
NA
36
30
176
NA
NA
NA
NA
NA
NA
NA
29
Thermal resistance, Junction to
Board4
—
RθJB
32
11
NA
NA
NA
NA
NA
NA
NA
48
33
24
23
22
23
22
NA
NA
64
NA
26
25
24
25
24
23
NA
100
NA
NA
25
NA
25
NA
24
19
144
NA
NA
NA
NA
NA
NA
30
24
176
NA
NA
NA
NA
NA
NA
NA
24
Thermal resistance, Junction to
Case 5
—
RθJC
32
NA
NA
NA
NA
NA
NA
NA
NA
48
23
19
17
16
17
16
NA
NA
64
NA
14
13
12
12
12
11
NA
100
NA
NA
13
NA
12
NA
11
9
144
NA
NA
NA
NA
NA
NA
12
9
176
NA
NA
NA
NA
NA
NA
NA
9
Thermal resistance, Junction to
Case (Bottom) 6
—
RθJCBottom
32
1
NA
48
NA
64
100
144
Table continues on the next page...



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com