Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FS32K114BUTXMLLTR Datasheet(PDF) 55 Page - NXP Semiconductors

Part # FS32K114BUTXMLLTR
Description  Low-power Arm Cortex-M4F/M0 core with excellent energy efficiency
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS32K114BUTXMLLTR Datasheet(HTML) 55 Page - NXP Semiconductors

Back Button FS32K114BUTXMLLTR Datasheet HTML 51Page - NXP Semiconductors FS32K114BUTXMLLTR Datasheet HTML 52Page - NXP Semiconductors FS32K114BUTXMLLTR Datasheet HTML 53Page - NXP Semiconductors FS32K114BUTXMLLTR Datasheet HTML 54Page - NXP Semiconductors FS32K114BUTXMLLTR Datasheet HTML 55Page - NXP Semiconductors FS32K114BUTXMLLTR Datasheet HTML 56Page - NXP Semiconductors FS32K114BUTXMLLTR Datasheet HTML 57Page - NXP Semiconductors FS32K114BUTXMLLTR Datasheet HTML 58Page - NXP Semiconductors FS32K114BUTXMLLTR Datasheet HTML 59Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 100 page
background image
Table 40. 12-bit ADC operating conditions
Symbol
Description
Conditions
Min.
Typ.1
Max.
Unit
Notes
S32K1xx/
S32K14xW
S32K1xx/
S32K14xW
S32K1xx
S32K14xW
VREFH
ADC reference voltage high
See Voltage
and current
operating
requirements
for values
VDDA
See Voltage and current
operating requirements for
values
V
2
VREFL
ADC reference voltage low
See Voltage
and current
operating
requirements
for values
0
See Voltage and current
operating requirements for
values
mV
2
VADIN
Input voltage
VREFL
—
VREFH
V
RS
Source impedendance
fADCK < 4 MHz
—
—
5
kΩ
RSW1
Channel Selection Switch Impedance
—
0.75
1.2
kΩ
RAD
Sampling Switch Impedance
—
2
5
kΩ
CP1
Pin Capacitance
—
10
—
pF
CP2
Analog Bus Capacitance
—
—
4
pF
CS
Sampling capacitance
—
4
5
pF
fADCK
ADC conversion clock frequency
Normal usage
2
40
50
40
MHz
3, 4
fCONV
ADC conversion frequency
No ADC hardware averaging.5
Continuous conversions
enabled, subsequent conversion
time
46.4
928
1160
Ksps
6, 7
ADC hardware averaging set to
32. 5 Continuous conversions
enabled, subsequent conversion
time
1.45
29
36.25
Ksps
6, 7
1.
Typical values assume VDDA = 5 V, Temp = 25 °C, fADCK = 40 MHz, RAS=20 Ω, and CAS=10 nF unless otherwise stated. Typical values are for reference only, and
are not tested in production.
2.
For packages without dedicated VREFH and VREFL pins, VREFH is internally tied to VDDA, and VREFL is internally tied to VSS. To get maximum performance, reference
supply quality should be better than SAR ADC. See application note AN5032 for details.
3.
Clock and compare cycle need to be set according to the guidelines mentioned in the Reference Manual .
4.
ADC conversion will become less reliable above maximum frequency.
5.
When using ADC hardware averaging, see the Reference Manual to determine the most appropriate setting for AVGS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com