| Electronic Components Datasheet Search |
|
SW4STM32C Datasheet(PDF) 20 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SW4STM32C Datasheet(HTML) 20 Page - STMicroelectronics |
|
20 / 99 page ![]() STM32 ecosystem outlines AN4989 20/99 DocID030181 Rev 2 Key Features • Free software • Supports Motorola S19, Intel HEX and binary formats • Load, Edit and Save executable and data files generated by the Assembler/Linker or C compilers • Erase, Program, View and Verify device Flash memory contents • Program, Erase and Verify external memories with examples of external flash loaders, for users to develop loaders for specific external memories • Automate STM32 programming (Erase, Verify, Programming, Configuring option bytes, calculate checksum) • Programming One Time Programmable memory • Supports Programming and Configuring Option bytes • Offers a command line interface • Compare file with target memory • Supports memory and core status view in Live-update mode • ST-LINK/V2 firmware upgrade In debug context ST-LINK is useful: • To check and update ST-LINK/V2 firmware in case of connection issue • Recover connection to a board in case of stuck in permanent Low-power or secure state. • Usage of SWV for printf debugging (Refer to Chapter 7: Printf debugging on page 58) Refer to STMicroelectronics user manual STM32 ST-LINK utility software description (UM0892). 2.3 Embedded software The STM32Cube embedded software libraries provides: • The HAL hardware abstraction layer, enabling portability between different STM32 devices via standardized API calls • The Low-Layer (LL) APIs, a light-weight, optimized, expert oriented set of APIs designed for both performance and runtime efficiency • A collection of Middleware components, like RTOS, USB library, file system, TCP/IP stack, Touch sensing library or Graphic Library (depending on the MCU series) • A complete set of code examples running on STMicroelectronics boards: STM32 Nucleo, Discovery kits and EVAL boards Tip: There is a fair chance that a Cube Project example matches the project in design. At project start or if an issue is met, it is worth browsing the complete project list package content available in CubeLibraryFolder\Projects\ STM32CubeProjectsList.html (refer to Figure 8). |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |