Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SW4STM32C Datasheet(PDF) 47 Page - STMicroelectronics

Part # SW4STM32C
Description  STM32 microcontroller debug toolbox
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SW4STM32C Datasheet(HTML) 47 Page - STMicroelectronics

Back Button SW4STM32C Datasheet HTML 43Page - STMicroelectronics SW4STM32C Datasheet HTML 44Page - STMicroelectronics SW4STM32C Datasheet HTML 45Page - STMicroelectronics SW4STM32C Datasheet HTML 46Page - STMicroelectronics SW4STM32C Datasheet HTML 47Page - STMicroelectronics SW4STM32C Datasheet HTML 48Page - STMicroelectronics SW4STM32C Datasheet HTML 49Page - STMicroelectronics SW4STM32C Datasheet HTML 50Page - STMicroelectronics SW4STM32C Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 99 page
background image
DocID030181 Rev 2
47/99
AN4989
Breaking and stepping into code
98
Thus, any attempt to load, or connect to, an application running from Flash crashes.
It is still possible to load, execute and debug an application in SRAM.
Option Bytes management can be done with ST-LINK utility or with an application
running from SRAM.
Going back to RDP Level 0 completely erases the Flash.
•
Level 2: No Debug.
JTAG/SWD connexion is killed. There is no way back. In this case, nobody - even
STMicroelectronics - can perform any analysis of defective parts.
5.3.2
PCROP
Proprietary Code ReadOut Protection is the ability to define secure area in Flash where user
can locate a proprietary code.
This prevents malicious software or debugger from reading sensitive code.
In case an application with third party code in PCROP area needs to be debugged, the
following points must be considered:
•
Step-into PCROP function is tolerated but ignored (Step-over)
•
Access to protected memory through debugger trigs Flash Interruption (Instrument
NMIHandler) and return default pattern for the whole area
For further details refer to section Memory Protection in the reference manual of the device.
Table 4. STM32 Series RDP protection extension
Product
RDP protection extension
F0
+ backup registers
F2
+ backup SRAM
F3
+ backup registers
F4
+ backup SRAM
L0
+ EEPROM
L1
+ EEPROM
L4
+ backup registers
+ SRAM2
F7
+ backup SRAM
H7
+ backup SRAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com