Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SW4STM32C Datasheet(PDF) 97 Page - STMicroelectronics

Part # SW4STM32C
Description  STM32 microcontroller debug toolbox
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SW4STM32C Datasheet(HTML) 97 Page - STMicroelectronics

Back Button SW4STM32C Datasheet HTML 91Page - STMicroelectronics SW4STM32C Datasheet HTML 92Page - STMicroelectronics SW4STM32C Datasheet HTML 93Page - STMicroelectronics SW4STM32C Datasheet HTML 94Page - STMicroelectronics SW4STM32C Datasheet HTML 95Page - STMicroelectronics SW4STM32C Datasheet HTML 96Page - STMicroelectronics SW4STM32C Datasheet HTML 97Page - STMicroelectronics SW4STM32C Datasheet HTML 98Page - STMicroelectronics SW4STM32C Datasheet HTML 99Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 97 / 99 page
background image
DocID030181 Rev 2
97/99
AN4989
Cortex®-M debug capabilities reminder
98
Appendix D
Cortex®-M debug capabilities reminder
STM32 families debug capabilities depend on their Cortex®-M type.
For more details, refer to the related Cortex® ARM® documentation.
Table 7. STM32 Series vs. debug capabilties
STM32
Series
Cortex type
SWD
JTAG
ETM
SWO
Hardware
breakpoints
Core
Reset
MCO(1)
L0/F0
M0/0+
Yes
No
No
No
4
No
1
F1/L1/F2
M3
Yes
Yes
Yes(2)
Yes
6
Yes
1
F3/F4/L4
M4
Yes
Yes
Yes(2)
Yes
6
Yes
2(2)
F7/H7
M7
Yes
Yes
Yes(2)
Yes
8
Yes
2(2)
1. Microcontroller Clock Output (refer to Section 8.2: Microcontroller clock output (MCO) on page 71)
2. Depends on package size. Check availability in the Pin Allocation Table in the related datasheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com